Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8808AT Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA8808AT
Description  Photo diode signal processor for compact disc players
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8808AT Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA8808AT Datasheet HTML 2Page - NXP Semiconductors TDA8808AT Datasheet HTML 3Page - NXP Semiconductors TDA8808AT Datasheet HTML 4Page - NXP Semiconductors TDA8808AT Datasheet HTML 5Page - NXP Semiconductors TDA8808AT Datasheet HTML 6Page - NXP Semiconductors TDA8808AT Datasheet HTML 7Page - NXP Semiconductors TDA8808AT Datasheet HTML 8Page - NXP Semiconductors TDA8808AT Datasheet HTML 9Page - NXP Semiconductors TDA8808AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
November 1987
6
Philips Semiconductors
Product specification
Photo diode signal processor for compact
disc players
TDA8808T
TDA8808AT
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Supply voltage ranges (see Fig.3)
TDA8808T
VP−V(ext)
pin 2 to pin 13
−0,3
13
V
VGND−V(ext)
pin 27 to pin 13
−0,3
13
V
TDA8808AT
Vext−VGND
pin 13 to 27
−0,3
13
V
VP−VGND
pin 2 to pin 27
−0,3
13
V
Output voltage ranges
VO
except FE and FElag
0VP
V
VO
FE and FElag (TDA8808T)
Vext
VP
V
VO
FE and FElag (TDA8808AT)
VGND
Vext
V
VO
LM (open loop)
VGND
VP
V
Ptot
Total power dissipation
see Fig.4
Tstg
Storage temperature range
−55
+ 150
°C
Tamb
Operating ambient temperature range
−30
+ 85
°C
Tj
Operating junction temperature
150
°C
From junction to ambient
Rth j-a
=
140 K/W
Fig.3
Supply voltages; (a) TDA8808T,
(b) TDA8808AT.
Fig.4 Power derating curve.


Numéro de pièce similaire - TDA8808AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8809T PHILIPS-TDA8809T Datasheet
94Kb / 16P
   Radial error signal processor for compact disc players
November 1987
More results

Description similaire - TDA8808AT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA5708 ETC-TDA5708 Datasheet
708Kb / 20P
   PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
logo
Sanyo Semicon Device
LC7865E SANYO-LC7865E Datasheet
105Kb / 2P
   Digital Signal Processor for Compact Disc Players
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7868KE SANYO-LC7868KE Datasheet
584Kb / 23P
   Digital Signal Processor for Compact Disc Players???
LC7868E SANYO-LC7868E Datasheet
538Kb / 22P
   Digital Signal Processor for Compact Disc Players???
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC7867E SANYO-LC7867E Datasheet
454Kb / 20P
   Digital Signal Processor for Compact Disc Players?
logo
NXP Semiconductors
TDA5709 PHILIPS-TDA5709 Datasheet
488Kb / 13P
   RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
July 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com