Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZY7015HT3 Fiches technique(PDF) 6 Page - Power-One

No de pièce ZY7015HT3
Description  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-ONE [Power-One]
Site Internet  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015HT3 Fiches technique(HTML) 6 Page - Power-One

Back Button ZY7015HT3 Datasheet HTML 2Page - Power-One ZY7015HT3 Datasheet HTML 3Page - Power-One ZY7015HT3 Datasheet HTML 4Page - Power-One ZY7015HT3 Datasheet HTML 5Page - Power-One ZY7015HT3 Datasheet HTML 6Page - Power-One ZY7015HT3 Datasheet HTML 7Page - Power-One ZY7015HT3 Datasheet HTML 8Page - Power-One ZY7015HT3 Datasheet HTML 9Page - Power-One ZY7015HT3 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
4.4
Feature Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Current Share
Type
Active, Single Line
Maximum Number of Modules
Connected in Parallel
IOUT MIN≥20%*IOUT NOM
10
Maximum Number of Modules
Connected in Parallel
IOUT MIN=0
4
Current Share Accuracy
IOUT MIN≥20%*IOUT NOM
±20
%IOUT
Interleave
Interleave (Phase Shift)
Default
Programmable in 11.25
° steps
0
0
348.75
Degree
degree
Sequencing
Turn ON Delay
Default
Programmable in 1ms steps
0
0
255
ms
ms
Turn OFF Delay
Default
Programmable in 1ms steps
0
0
63
ms
ms
Tracking
Turn ON Slew Rate
Default
Programmable in 7 steps
0.1
0.1
8.33
1
V/ms
V/ms
Turn OFF Slew Rate
Default
Programmable in 7 steps
-0.1
-0.1
-8.33
1
V/ms
V/ms
Optimal Voltage Positioning
Load Regulation
Default
Programmable in 7 steps
0
0
6.72
mV/A
mV/A
Feedback Loop Compensation
Zero1 (Effects phase lead and
increases gain in mid-band)
Programmable
0.05
50
kHz
Zero 2 (Effects phase lead and
increases gain in mid-band)
Programmable
0.05
50
kHz
Pole 1 (Integrator Pole, effects
loop gain)
Programmable
0.05
50
kHz
Pole 2 (Effects phase lag and
limits gain in mid-band)
Programmable
1
1000
kHz
Pole 3 (High frequency low- pass
filter to limit PWM noise)
Programmable
1
1000
kHz
Monitoring
Voltage Monitoring Accuracy
1 LSB=22mV
-2%VOUT
– 1 LSB
2%VOUT
+ 1 LSB
mV
Current Monitoring Accuracy
20%*IOUT NOM < IOUT < IOUT NOM
-20
+20
%IOUT
Temperature Monitoring Accuracy
Junction temperature of POL controller
-5
+5
°C
Remote Voltage Sense (+VS and –VS pins)
Voltage Drop Compensation
Between +VS and VOUT
300
mV
Voltage Drop Compensation
Between -VS and PGND
100
mV
___________________
1
Achieving fast slew rates under specific line and load conditions may require feedback loop adjustment
ZD-00283 REV. 2.2
www.power-one.com
Page 6 of 34


Numéro de pièce similaire - ZY7015HT3

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

Description similaire - ZY7015HT3

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com