Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8787A Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8787A
Description  10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787A Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8787A Datasheet HTML 5Page - NXP Semiconductors TDA8787A Datasheet HTML 6Page - NXP Semiconductors TDA8787A Datasheet HTML 7Page - NXP Semiconductors TDA8787A Datasheet HTML 8Page - NXP Semiconductors TDA8787A Datasheet HTML 9Page - NXP Semiconductors TDA8787A Datasheet HTML 10Page - NXP Semiconductors TDA8787A Datasheet HTML 11Page - NXP Semiconductors TDA8787A Datasheet HTML 12Page - NXP Semiconductors TDA8787A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2000 Nov 14
9
Philips Semiconductors
Product specification
10-bit, 3.0 V, up to 25 Msps analog-to-digital
interface for CCD cameras
TDA8787A
Correlated Double Sampling (CDS) (pin IN)
Vi(CDS)(p-p)
CDS input amplitude
(video signal)
(peak-to-peak value)
VCC = 2.85 V
650
−−
mV
VCC ≥ 3.0 V
800
−−
mV
Vi(rst)(max)
maximum CDS input reset
pulse amplitude
500
−−
mV
Ii
input current
at floating gate level
−1
+1
µA
Ci
input capacitance
2
pF
tCDS(min)
CDS control pulses
minimum active time
Vi(CDS)(p-p) = 800 mV;
black-to-white transition in
1 pixel (
±2 LSB typical);
Tamb =25 °C; note 1
fpix =18MHz
(TDA8787AHL)
11
15
ns
fpix =25MHz
(TDA8787AHL/S1)
911
ns
th(IN-SHP)
hold time SHP to IN
Tamb =25 °C; see
Figs 3 and 4
12
ns
th(IN-SHD)
hold time SHD to IN
Tamb =25 °C; see
Figs 3 and 4
12
ns
Amplifier
DRPGA
PGA dynamic range
36
dB
∆G
PGA
PGA gain step
−0.3
+0.3
dB
Analog-to-Digital Converter (ADC)
LE(i)
integral non-linearity error
fpix = 18 MHz; ramp input
−±1.3
±2.5
LSB
LE(d)
differential non-linearity
error
fpix = 18 MHz; ramp input
−±0.5
±0.9
LSB
Total chain characteristics (CDS, PGA and ADC)
fpix(max)
maximum pixel frequency
25
−−
MHz
fpix(min)
minimum pixel frequency
2
−−
MHz
tCLKH
clock HIGH time
15
−−
ns
tCLKL
clock LOW time
15
−−
ns
td(SHD-CLK)
time delay SHD to CLK
see Fig.3
10
−−
ns
tsu(BLK-CLK)
set-up time of
BLK compared to CLK
10
−−
ns
Vi(IN)
video input dynamic signal
for ADC full-scale output
PGA input code = 0
800
−−
mV
PGA input code = 383
12.7
−−
mV
Ntot(rms)
total noise from CDS input
to ADC output
(RMS value)
see Fig.8
PGA input code = 0
0.15
LSB
PGA input code = 96
0.8
LSB
Vn(i)(eq)(rms)
equivalent input noise
voltage (RMS value)
PGA input code = 383
70
−µV
PGA input code = 0
120
−µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA8787A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8787HL PHILIPS-TDA8787HL Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results

Description similaire - TDA8787A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com