Moteur de recherche de fiches techniques de composants électroniques |
|
93LC46BX-E/P Fiches technique(PDF) 7 Page - Microchip Technology |
|
93LC46BX-E/P Fiches technique(HTML) 7 Page - Microchip Technology |
7 / 28 page © 2005 Microchip Technology Inc. DS21749F-page 7 93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C 2.4 Erase The ERASE instruction forces all data bits of the specified address to the logical ‘1’ state. CS is brought low following the loading of the last address bit. This falling edge of the CS pin initiates the self-timed programming cycle, except on ‘93C’ devices where the rising edge of CLK before the last address bit initiates the write cycle. The DO pin indicates the Ready/Busy status of the device if CS is brought high after a minimum of 250 ns low (TCSL). DO at logical ‘0’ indicates that programming is still in progress. DO at logical ‘1’ indicates that the register at the specified address has been erased and the device is ready for another instruction. FIGURE 2-1: ERASE TIMING FOR 93AA AND 93LC DEVICES FIGURE 2-2: ERASE TIMING FOR 93C DEVICES Note: After the Erase cycle is complete, issuing a Start bit and then taking CS low will clear the Ready/Busy status from DO. CS CLK DI DO TCSL Check Status 11 1 AN AN-1 AN-2 ••• A0 TSV TCZ Busy Ready High-Z TWC High-Z CS CLK DI DO TCSL Check Status 11 1 AN AN-1 AN-2 ••• A0 TSV TCZ Busy Ready High-Z TWC High-Z |
Numéro de pièce similaire - 93LC46BX-E/P |
|
Description similaire - 93LC46BX-E/P |