Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8718 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA8718
Description  8-bit high-speed analog-to-digital converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8718 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA8718 Datasheet HTML 2Page - NXP Semiconductors TDA8718 Datasheet HTML 3Page - NXP Semiconductors TDA8718 Datasheet HTML 4Page - NXP Semiconductors TDA8718 Datasheet HTML 5Page - NXP Semiconductors TDA8718 Datasheet HTML 6Page - NXP Semiconductors TDA8718 Datasheet HTML 7Page - NXP Semiconductors TDA8718 Datasheet HTML 8Page - NXP Semiconductors TDA8718 Datasheet HTML 9Page - NXP Semiconductors TDA8718 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
June 1994
6
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8718
CHARACTERISTICS
VEEA = −4.2 to −4.8 V; VEED = −4.2 to −4.8 V; VEEA to VEED = −0.1 to +0.1 V; AGND and DGND shorted together;
Tamb = 0 to +70 °C; typical values measured at VEEA = −4.5 V, VEED = −4.5 V and Tamb = 25 °C;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VEEA
analog supply voltage (pin 28)
−4.2
−4.5
−4.8
V
VEED
digital supply voltage (pin 23)
−4.2
−4.5
−4.8
V
IEEA
analog supply current (pin 28)
30
42
54
mA
IEED
digital supply current (pin 23)
100
120
150
mA
IEEO(L)
LOW level output supply current
RL = 50 Ω
40
70
90
mA
IEEO(H)
HIGH level output supply current
RL = 50 Ω
155
170
185
mA
Reference voltages for the resistor ladder (see Table 1)
IRT
reference current (pin 5)
R = 48
30
45
60
mA
VRB
reference voltage BOTTOM (pin 1)
48
Ω× IRT
V
VRT
reference voltage TOP (pin 5)
0
V
RLAD
resistor ladder
48
−Ω
TCRLAD
temperature coefficient of the
resistor ladder
175
M
Ω/K
VosB
voltage offset BOTTOM
note 1
8
Ω× IRT
mV
VosT
voltage offset TOP
note 1
8
Ω× IRT
mV
Inputs
CLK INPUT (PIN 8); CLK INPUT (PIN 9)
VIL
LOW level input voltage
−−1.8
V
VIH
HIGH level input voltage
−−0.8
V
IIL
LOW level input current
Vclk = −1.8 V
0
−µA
IIH
HIGH level input current
Vclk = −0.8 V
120
−µA
RI
input resistance
fclk = 100 MHz
1.5
k
CI
input capacitance
fclk = 100 MHz
3.5
pF
∆Vclk(p-p)
clock input voltage difference
between CLK and CLK pin 8 to
pin 9 (peak-to-peak value)
900
mV
ANALOG INPUT (PIN 3); NOTE 2
IIL
LOW level input current
data output = 00
20
40
80
µA
IIH
HIGH level input current
data output = FF
100
200
400
µA
RI
input resistance
10
k
CI
input capacitance
5
pF


Numéro de pièce similaire - TDA8718

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8712T PHILIPS-TDA8712T Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M PHILIPS-TDA8714M Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M/4 PHILIPS-TDA8714M/4 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
More results

Description similaire - TDA8718

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com