Moteur de recherche de fiches techniques de composants électroniques |
|
TC1270ANSVRCTR Fiches technique(PDF) 8 Page - Microchip Technology |
|
TC1270ANSVRCTR Fiches technique(HTML) 8 Page - Microchip Technology |
8 / 40 page TC1270A/70AN/71A DS22035B-page 8 © 2007 Microchip Technology Inc. Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C. FIGURE 2-7: IDD vs. VDD (Reset Power-up Timer Inactive) (TC1270AL, TC1270ANL, TC1271AL - 4.50V min. / 4.63V typ. / 4.75V max.). FIGURE 2-8: IDD vs. VDD (Reset Power-up Timer Inactive) (TC1270AT, TC1270ANT, TC1271AT - 3.00V min. / 3.08V typ. / 3.15V max.). FIGURE 2-9: IDD vs. VDD (Reset Power-up Timer Inactive) (TC1270AR, TC1270ANR, TC1271AR - 2.55V min. / 2.63V typ. / 2.70V max.). FIGURE 2-10: IDD vs. VDD (Reset Power-up Timer Active) (TC1270AL, TC1270ANL, TC1271AL - 4.50V min. / 4.63V typ. / 4.75V max.). FIGURE 2-11: IDD vs. VDD (Reset Power-up Timer Active) (TC1270AT, TC1270ANT, TC1271AT - 3.00V min. / 3.08V typ. / 3.15V max.). FIGURE 2-12: IDD vs. VDD (Reset Power-up Timer Active) (TC1270AR, TC1270ANR, TC1271AR - 2.55V min. / 2.63V typ. / 2.70V max.). 0 0.5 1 1.5 2 2.5 3 1 234 5 VDD (V) -40°C +125°C +25°C 0 0.5 1 1.5 2 2.5 3 1 234 5 VDD (V) -40°C +125°C +25°C 0 0.5 1 1.5 2 2.5 3 3.5 1 234 5 VDD (V) -40°C +125°C +25°C 4.5 5 5.5 6 6.5 7 4.5 4.7 4.9 5.1 5.3 5.5 VDD (V) -40°C +125°C +25°C 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 33.5 4 4.555.5 VDD (V) -40°C +125°C +25°C 2 3 4 5 6 7 2.5 3 3.5 4 4.5 5 5.5 VDD (V) -40°C +125°C +25°C |
Numéro de pièce similaire - TC1270ANSVRCTR |
|
Description similaire - TC1270ANSVRCTR |