Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8576T Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8576T
Description  Class-H high-output voltage level line driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8576T Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8576T Datasheet HTML 5Page - NXP Semiconductors TDA8576T Datasheet HTML 6Page - NXP Semiconductors TDA8576T Datasheet HTML 7Page - NXP Semiconductors TDA8576T Datasheet HTML 8Page - NXP Semiconductors TDA8576T Datasheet HTML 9Page - NXP Semiconductors TDA8576T Datasheet HTML 10Page - NXP Semiconductors TDA8576T Datasheet HTML 11Page - NXP Semiconductors TDA8576T Datasheet HTML 12Page - NXP Semiconductors TDA8576T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Oct 16
9
Philips Semiconductors
Product specification
Class-H high-output voltage level line
driver
TDA8576T
Application characteristics
VCC = 9 V; RI =10kΩ; Tamb =25 °C; 80 kHz filter.
Fig.5
Total harmonic distortion plus noise as a
function of Vo.
handbook, halfpage
6
0
V
o
(V)
THD
+ N
(%)
24
1
10−1
10−2
10−3
MGD912
1 kHz
f = 10 kHz
100 Hz
Fig.6
Total harmonic distortion plus noise as a
function of frequency.
handbook, halfpage
1
10−1
10−2
10−3
MGD913
0
THD
+ N
(%)
f (Hz)
102
103
104
105
4 V
3 V
2 V
Vo = 5 V
Fig.7 Total circuit gain as a function of frequency.
handbook, halfpage
0
2
4
6
8
MGD914
f (Hz)
G
(dB)
102
10
103
104
105
106
Fig.8
Supply voltage ripple rejection as a function
of frequency.
handbook, halfpage
−80
−70
−60
−50
−40
MGD915
10
SVRR
(dB)
f (Hz)
102
103
104
105
Rs = 600 Ω
0


Numéro de pièce similaire - TDA8576T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8571 PHILIPS-TDA8571 Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8574T PHILIPS-TDA8574T Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
More results

Description similaire - TDA8576T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48560 TI1-LM48560_15 Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
THS6132 TI-THS6132 Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com