Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8575 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA8575
Description  Ground noise isolation amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8575 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA8575 Datasheet HTML 4Page - NXP Semiconductors TDA8575 Datasheet HTML 5Page - NXP Semiconductors TDA8575 Datasheet HTML 6Page - NXP Semiconductors TDA8575 Datasheet HTML 7Page - NXP Semiconductors TDA8575 Datasheet HTML 8Page - NXP Semiconductors TDA8575 Datasheet HTML 9Page - NXP Semiconductors TDA8575 Datasheet HTML 10Page - NXP Semiconductors TDA8575 Datasheet HTML 11Page - NXP Semiconductors TDA8575 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Jul 29
8
Philips Semiconductors
Preliminary specification
Ground noise isolation amplifier
TDA8575
AC CHARACTERISTICS
VCC = 8.5 V; f = 1 kHz; Rs = 0 kΩ; RL = 10 kΩ; Tamb = 25 °C; in accordance with application circuit (see Fig.9).
Notes
1. The channel separation is dependent on the capacitor C2 connected to the IN- input. The channel separation for low
frequencies (<1 kHz) can be increased by using a larger capacitance for C2.
2. The frequency response is externally fixed by the input and output coupling capacitors.
3. The noise output voltage is measured in a bandwidth of 20 Hz up to 20 kHz, unweighted.
4. The common mode rejection ratio is measured at the output with a voltage source Vcm(rms) = 1 V and both
Vi(L) and Vi(R) short-circuited according to Fig.9. The common mode rejection is dependent on the capacitor C2
connected to the IN- input. The common mode rejection for low frequencies (<1 kHz) can be increased by using a
larger capacitance for C2.
5. Supply voltage ripple rejection is measured at the output using a ripple amplitude of 2 V (p-p).
The source resistance Rs = 2 kΩ.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gv
voltage gain
−0.5
0
+0.5
dB
α
cs
channel separation
Rs = 5 kΩ; note 1
70
80
dB
∆Gv
channel unbalance
0.5
dB
fro(L)
low frequency roll-off
−1 dB; note 2
20
Hz
fro(H)
high frequency roll-off
−1 dB
20
kHz
Zi
input impedance
80
108
123
k
Zo
output impedance
10
Vi(rms)(max) maximum input voltage (RMS value)
THD = 1%
1.7
V
Vno
noise output voltage
unweighted; note 3
3.7
5
µV
THD
total harmonic distortion
Vi(rms) = 1 V
0.005
0.01
%
Vi(rms) = 1 V;
f = 20 Hz to 20 kHz
0.01
%
THDmax
total harmonic distortion at maximum
output current
Vi(rms) = 1 V; RL = 150 Ω −
1
%
Vi(cm)(rms)
common-mode input voltage (RMS value)
1
V
CMRR
common-mode rejection ratio
Rs = 5 kΩ
66
80
dB
Rs = 0 Ω; note 4
f = 100 Hz to 20 kHz
80
dB
SVRR
supply voltage ripple rejection
Rs = 2 kΩ; note 5
55
dB
Rs = 2 kΩ; note 5
f = 20 Hz to 20 kHz
60
dB


Numéro de pièce similaire - TDA8575

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8571 PHILIPS-TDA8571 Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8574T PHILIPS-TDA8574T Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
More results

Description similaire - TDA8575

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM2794 NJRC-NJM2794 Datasheet
177Kb / 11P
   Ground Noise Isolation Amplifier
logo
List of Unclassifed Man...
NJM2794RB2-TE1 ETC2-NJM2794RB2-TE1 Datasheet
210Kb / 11P
   Ground Noise Isolation Amplifier
logo
Rohm
BA3121F ROHM-BA3121F_09 Datasheet
338Kb / 9P
   Ground Isolation Amplifier
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
logo
New Japan Radio
NJM2795 NJRC-NJM2795 Datasheet
129Kb / 6P
   Ground noise isolation Amplifier with Adjustable Differential Gain
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
   Ground isolation amplifier circuit
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
   Ground isolation amplifier for car audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com