Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8571 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
TDA8571 Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 20 page 1998 Mar 13 8 Philips Semiconductors Preliminary specification 4 x 40 W BTL quad car radio power amplifier TDA8571J QUALITY SPECIFICATION In accordance with “SNW-FQ-0611E”. The number of the quality specification can be found in the “Quality Reference Handbook”. The handbook can be ordered using the code 9397 750 00192. DC CHARACTERISTICS VP = 14.4 V; Tamb =25 °C; measured in Fig.7; unless otherwise specified. Notes 1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V. 2. At 18V<VP < 30 V the DC output voltage ≤ 1⁄2VP. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Supply VP supply voltage note 1 6 14.4 18 V Iq(tot) quiescent current RL = ∞− 200 360 mA Operating condition V15 mode select switch level 8.5 − Vp V I15 mode select switch current V15 = 14.4 V − 30 80 µA VO output voltage note 2 − 7.0 − V Mute condition V15 mode select switch level 3.3 − 6.4 V VO output voltage note 2 − 7.0 − V V OS DC output offset voltage MUTE −− 80 mV ∆V OS delta DC output offset voltage ON ↔ MUTE −− 80 mV Standby condition V15 mode select switch level 0 − 2V Istb standby current − 0.2 100 µA Diagnostic V9 diagnostic output voltage during any fault condition −− 0.6 V Tvj temperature pre-warning V9 = 0.6 V − 145 −°C |
Numéro de pièce similaire - TDA8571 |
|
Description similaire - TDA8571 |