Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2117-1.8EDTR Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce TC2117-1.8EDTR
Description  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-1.8EDTR Fiches technique(HTML) 11 Page - Microchip Technology

Back Button TC2117-1.8EDTR Datasheet HTML 7Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 8Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 9Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 10Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 11Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 12Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 13Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 14Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21665C-page 11
TC2117
3-Lead Plastic Small Outline Transistor (DB) (SOT-223)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
0.85
0.65
.033
.026
b
Lead Width
0.35
0.23
.014
.009
c
Lead Thickness
6.70
6.30
.264
.248
D
Overall Length
7.30
.287
E
Overall Width
1.80
.071
A
Overall Height
4.60 BSC
.181 BSC
e1
Outside lead pitch (basic)
2.30 BSC
.091 BSC
e
Pitch
MAX
MIN
MAX
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side.
Notes:
* Controlling Parameter
Molded Package Width
E1
.130
.146
3.30
3.70
.264
6.70
Tab Lead Width
b2
.114
.124
2.90
3.15
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
JEDEC Equivalent TO-261 AA
Foot Length
.035
L0.90
.118
.030
.012
.256
.138
.276
3.00
0.30
0.76
3.50
6.50
7.00
NOM
NOM
Lead Angle
Mold Draft Angle, Top
Mold Draft Angle, Bottom
φ
α
β
0.37
10°
10°
10°
16°
10°
16°
10°
16°
10°
16°
Molded Package Height
1.65
1.55
.063
.065
A2
.061
1.60
Standoff
.001
A1
.004
0.02
0.10
Drawing No. C04-032
Revised 09-13-05
b2
D
E1
E
e
e1
1
A
A1
A2
α
β
φ
L
b
c


Numéro de pièce similaire - TC2117-1.8EDTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC2117-1.8VDB MICROCHIP-TC2117-1.8VDB Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VDBTR MICROCHIP-TC2117-1.8VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VEBTR MICROCHIP-TC2117-1.8VEBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
More results

Description similaire - TC2117-1.8EDTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com