Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2117-1.8EDTR Fiches technique(PDF) 1 Page - Microchip Technology

No de pièce TC2117-1.8EDTR
Description  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-1.8EDTR Fiches technique(HTML) 1 Page - Microchip Technology

  TC2117-1.8EDTR Datasheet HTML 1Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 2Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 3Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 4Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 5Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 6Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 7Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 8Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21665C-page 1
TC2117
Features
• Fixed Output Voltages: 1.8V, 2.5V, 3.0V, 3.3V
• Very Low Dropout Voltage
• Rated 800 mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Overcurrent and Overtemperature Protection
• Space Saving SOT-223 Package
Applications
• 5V to 3.3V Linear Regulator
• Portable Computers
• Instrumentation
• Battery Operated Systems
• Linear Post-Regulator for SMPS
• Core Voltage Supply for FPGAs, PLDs, CPUs,
DSPs
Typical Application
General Description
The TC2117 is a fixed, high accuracy (typically ±0.5%)
CMOS low dropout regulator. Designed specifically for
battery operated systems, the TC2117’s CMOS
construction
eliminates
wasted
ground current,
significantly extending battery life. Total supply current
is typically 80 µA at full load (20 to 60 times lower than
in bipolar regulators).
TC2117 key features include ultra low noise, very low
dropout voltage (typically 450 mV at full load), and fast
response to step changes in load. The TC2117
incorporates both overtemperature and overcurrent
protection. The TC2117 is stable with an output
capacitor of only 1µF and has a maximum output
current of 800 mA. This device is available in 3-Pin
SOT-223, and 3-Pin DDPAK packages.
Package Types
C1
1µF
Battery
TC2117
VIN
VOUT
C2
1µF
GND
VOUT
VIN
VOUT
GND
Front View
Front View
12
3
Tab is VOUT
3-Pin SOT-223
3-Pin DDPAK
TC2117
TC2117
800 mA Fixed Low Dropout Positive Regulator


Numéro de pièce similaire - TC2117-1.8EDTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC2117-1.8VDB MICROCHIP-TC2117-1.8VDB Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VDBTR MICROCHIP-TC2117-1.8VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VEBTR MICROCHIP-TC2117-1.8VEBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
More results

Description similaire - TC2117-1.8EDTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com