Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1016-1.85VCTTR Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC1016-1.85VCTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-1.85VCTTR Fiches technique(HTML) 4 Page - Microchip Technology

  TC1016-1.85VCTTR Datasheet HTML 1Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 2Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 3Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 4Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 5Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 6Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 7Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 8Page - Microchip Technology TC1016-1.85VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC1016
DS21666B-page 4
© 2005 Microchip Technology Inc.
FIGURE 2-7:
Dropout Voltage vs. Output
Current.
FIGURE 2-8:
Load Regulation vs.
Temperature.
FIGURE 2-9:
Supply Current vs.
Temperature.
FIGURE 2-10:
Dropout Voltage vs.
Temperature.
FIGURE 2-11:
Supply Current vs. Input
Voltage
FIGURE 2-12:
Output Voltage vs. Supply
Voltage.
0
0.05
0.1
0.15
0.2
0.25
0
1020
3040
506070
80
Load Current (mA)
V
OUT = 3.0V
+125°C
+25°C
-40°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
IN = 6.0V
V
IN = 4.0V
VIN = 3.3V
V
OUT = 3.0V
Full Load = 0 – 80 mA
47.0
48.0
49.0
50.0
51.0
52.0
53.0
54.0
-45
-20
5
305580
105
130
Temperature (°C)
V
OUT = 3.0V
VIN = 6.0V
V
IN = 3.3V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 3.0V
I
LOAD = 80 mA
I
LOAD = 50 mA
47.0
48.0
49.0
50.0
51.0
52.0
53.0
54.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
V
OUT = 3.0V
+125°C
+25°C
-40°C
2.789
2.790
2.791
2.792
2.793
2.794
2.795
2.796
2.797
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6
Input Voltage (V)
+25°C
+125°C
-40°C
V
OUT = 2.8V


Numéro de pièce similaire - TC1016-1.85VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016-1.85VCTTR MICROCHIP-TC1016-1.85VCTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Description similaire - TC1016-1.85VCTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com