Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7660COATR Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce TC7660COATR
Description  5V To 짹10V Voltage Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660COATR Fiches technique(HTML) 8 Page - Microchip Technology

Back Button TC7660COATR Datasheet HTML 4Page - Microchip Technology TC7660COATR Datasheet HTML 5Page - Microchip Technology TC7660COATR Datasheet HTML 6Page - Microchip Technology TC7660COATR Datasheet HTML 7Page - Microchip Technology TC7660COATR Datasheet HTML 8Page - Microchip Technology TC7660COATR Datasheet HTML 9Page - Microchip Technology TC7660COATR Datasheet HTML 10Page - Microchip Technology TC7660COATR Datasheet HTML 11Page - Microchip Technology TC7660COATR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TCM680
DS21486C-page 8
© 2005 Microchip Technology Inc.
5.0
APPLICATIONS INFORMATION
5.1
Voltage Multiplication and
Inversion
The TCM680 performs voltage multiplication and inver-
sion simultaneously, providing positive and negative
outputs (Figure 5-1). The magnitude of both outputs is,
approximately, twice the input voltage. Unlike other
switched capacitor converters, the TCM680 requires
only four external capacitors to provide both functions
simultaneously.
FIGURE 5-1:
Positive and Negative
Converter.
5.2
Capacitor Selection
The TCM680 requires only 4 external capacitors for
operation, which can be inexpensive, polarized alumi-
num electrolytic types. For the circuit in Figure 5-1, the
output characteristics are largely determined by the
external capacitors. An expression for ROUT can be
derived as shown below:
EQUATION
Assuming all switch resistances are approximately
equal:
EQUATION
ROUT is typically 140Ω at +25°C with VIN = +5V and C1
and C2 as 4.7 µF low ESR capacitors. The fixed term
(32RSW) is about 130Ω. It can easily be seen that
increasing or decreasing values of C1 and C2 will affect
efficiency by changing ROUT. However, be careful
about ESR. This term can quickly become dominant
with large electrolytic capacitors. Table 5-1 shows
ROUT for various values of C1 and C2 (assume 0.5Ω
ESR). C1 and C4 must be rated at 6 VDC or greater
while C2 and C3 must be rated at 12 VDC or greater.
Output voltage ripple is affected by C3 and C4.
Typically, the larger the value of C3 and C4, the less the
ripple for a given load current. The formula for
VRIPPLE(p-p) is given below:
EQUATION
For a 10 µF (0.5
Ω ESR) capacitor for C3, C4,
fPUMP = 21 kHz and IOUT = 10 mA, the peak-to-peak
ripple voltage at the output will be less than 100 mV. In
most applications (IOUT ≤ 10 mA), 10-20 µF output
capacitors and 1-5 µF pump capacitors will suffice.
Table 5-2 shows VRIPPLE for different values of C3 and
C4 (assume 1 Ω ESR).
TABLE 5-1:
OUTPUT RESISTANCE
VS. C1, C2
TABLE 5-2:
VRIPPLE PEAK-TO-PEAK
VS. C3, C4 (IOUT 10 mA)
GND
GND
TCM680
8
7
6
5
4
3
2
1
+
+
+
VIN
C1
+
C2
+
C1
-
VOUT
-
VOUT
+
VOUT
-
VOUT
+
+
VIN
C1
22 µF
C2
22 µF
C4
22 µF
C3
22 µF
C2
-
ROUT
+ =4(R
SW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+4(RSW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+1/(fPUMP x C1) + 1/(fPUMP x C2) + ESRC4
ROUT
=4(R
SW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+4(RSW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+1/(fPUMP x C1) + 1/(fPUMP x C2) + ESRC3
ROUT
+ = 32R
SW + 8ESRC1 + 8ESRC2 + ESRC4
+1/(fPUMP x C1) + 1/(fPUMP x C2)
ROUT
= 32R
SW + 8ESRC1 + 8ESRC2 + ESRC3
+1/(fPUMP x C1) + 1/(fPUMP x C2)
C1, C2 (µF)
ROUT
+, R
OUT
- (Ω)
0.1
1089
0.47
339
1232
3.3
165
4.7
157
10
146
22
141
100
137
C3, C4 (µF)
VRIPPLE(p-p)
+,V
RIPPLE(p-p)
- (mV)
0.47
1540
1734
3.3
236
4.7
172
10
91
22
52
100
27
VRIPPLE(p-p)
+ ={1/[2(f
PUMP /3) x C4] + 2(ESRC4)} (IOUT
+)
VRIPPLE(p-p)
={1/[2(f
PUMP /3) x C3] + 2(ESRC3)} (IOUT
)


Numéro de pièce similaire - TC7660COATR

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC7660COA TELCOM-TC7660COA Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660COA MICROCHIP-TC7660COA Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660COA MICROCHIP-TC7660COA Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
TC7660COA MICROCHIP-TC7660COA Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660COA713 MICROCHIP-TC7660COA713 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results

Description similaire - TC7660COATR

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
   5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
   ?쏧nductorless??5V to 5V Converter
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com