Moteur de recherche de fiches techniques de composants électroniques |
|
TC553302EMB713 Fiches technique(PDF) 11 Page - Microchip Technology |
|
TC553302EMB713 Fiches technique(HTML) 11 Page - Microchip Technology |
11 / 18 page © 2005 Microchip Technology Inc. DS21435F-page 11 TC55 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Symbol Voltage Symbol Voltage A x.0 F x.5 B x.1 H x.6 C x.2 K x.7 D x.3Lx.8 E x.4 M x.9 3-Pin SOT-23A 3-Pin SOT-89 1 1 2 2 4 3 4 3 1 represents first voltage digit 2V, 3V, 4V, 5V, 6V Ex: 3.xV = 3 2 represents first decimal place voltage (x.0 - x.9) Ex: 3.4V = 3 E 3 represents polarity 0 = Positive (fixed) 4 represents assembly lot number 3-Pin TO-92 8 12 4 7 11 3 6 10 2 5 9 1 = 55RP (fixed) 1 , 2 , 3 & 4 5 represents first voltage digit (2-6) 6 represents first voltage decimal (0-9) 7 represents extra feature code: fixed: 0 represents regulation accuracy 8 1 = ±1.0% (custom), 2 = ±2.0% (standard) 9 , 10, represents assembly lot number 11 & 12 |
Numéro de pièce similaire - TC553302EMB713 |
|
Description similaire - TC553302EMB713 |