Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8560 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA8560
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8560 Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA8560 Datasheet HTML 1Page - NXP Semiconductors TDA8560 Datasheet HTML 2Page - NXP Semiconductors TDA8560 Datasheet HTML 3Page - NXP Semiconductors TDA8560 Datasheet HTML 4Page - NXP Semiconductors TDA8560 Datasheet HTML 5Page - NXP Semiconductors TDA8560 Datasheet HTML 6Page - NXP Semiconductors TDA8560 Datasheet HTML 7Page - NXP Semiconductors TDA8560 Datasheet HTML 8Page - NXP Semiconductors TDA8560 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1996 Jan 08
4
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio
power amplifier with diagnostic facility
TDA8560Q
PINNING
SYMBOL
PIN
DESCRIPTION
IN 1
1
input 1
GND(S)
2
signal ground
VP1
3
supply voltage 1
OUT 1A
4
output 1A
GND1
5
power ground 1
OUT 1B
6
output 1B
OUT 2A
7
output 2A
GND2
8
power ground 2
OUT 2B
9
output 2B
VP2
10
supply voltage 2
MODE
11
mode switch input
VDIAG
12
diagnostic output
IN 2
13
input 2
Fig.2 Pin configuration.
1
2
3
4
5
6
7
8
9
10
11
12
13
MEA855 - 1
TDA8560Q
IN 1
GND(S)
V P1
OUT 1A
GND1
OUT 1B
OUT 2A
GND2
OUT 2B
VP2
MODE
IN 2
DIAG
V
FUNCTIONAL DESCRIPTION
The TDA8560Q contains two identical amplifiers and can
be used for bridge applications. The gain of each amplifier
is fixed at 40 dB. Special features of the device are as
follows.
Mode select switch (pin 11)
• Standby: low supply current (<100 µA)
• Mute: input signal suppressed
• Operating: normal on condition.
Since this pin has a very low input current (
<40 µA), a low
cost supply switch can be applied.
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥100 ms (charging of the input
capacitors at pin 1 and pin 13).
This can be achieved by:
• Microprocessor control
• External timing circuit (see Fig.7).
Diagnostic output (pin 12)
DYNAMIC DISTORTION DETECTOR (DDD)
At the onset of clipping of one or more output stages, the
dynamic distortion detector becomes active and pin 12
goes low. This information can be used to drive a sound
processor or DC volume control to attenuate the input
signal and thus limit the distortion. The output level of
pin 12 is independent of the number of channels that are
clipping (see Fig.3).
Fig.3 Distortion detector waveform.
handbook, halfpage
V
0
VP
VO
0
t
MGA721
12


Numéro de pièce similaire - TDA8560

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562 PHILIPS-TDA8562 Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
More results

Description similaire - TDA8560

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com