Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC650CFUA Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TC650CFUA
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC650CFUA Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button TC650CFUA Datasheet HTML 2Page - STMicroelectronics TC650CFUA Datasheet HTML 3Page - STMicroelectronics TC650CFUA Datasheet HTML 4Page - STMicroelectronics TC650CFUA Datasheet HTML 5Page - STMicroelectronics TC650CFUA Datasheet HTML 6Page - STMicroelectronics TC650CFUA Datasheet HTML 7Page - STMicroelectronics TC650CFUA Datasheet HTML 8Page - STMicroelectronics TC650CFUA Datasheet HTML 9Page - STMicroelectronics TC650CFUA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC650/TC651
DS21450C-page 6
 2004 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Power Supply Input
May be independent of fan power supply.
3.2
Fan Shutdown, Active-low Input
During Shutdown mode, the chip still monitors
temperature. TOVER is low if temperature rises above
factory set point.
3.3
Ground
Ground return for all TC650/TC651 functions.
3.4
Overtemperature Alert
Active-low output.
3.5
PWM Fan Drive Output
Pulse width modulated rail-to-rail logic output. Nominal
frequency is 15 Hz.
Pin No.
Symbol
Description
1VDD
Power Supply Input
2
NC
No Internal Connect
3
SHDN
Fan Shutdown, Active-low Input
1
= Fan in normal operation
0
= Fan in shutdown
4
GND
Ground
5
NC
No Connect
6
TOVER
Overtemperature Alert, Active-low Output
1
= Overtemperature condition does not exist
0
= The device is in the overtemperature condition. The fan is driven at 100%.
Potential exists for system over-heating
7
GND
Ground
8
PWM
PWM Fan Drive Output


Numéro de pièce similaire - TC650CFUA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC650CFVUA MICROCHIP-TC650CFVUA Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
More results

Description similaire - TC650CFUA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com