Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8552TS Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA8552TS
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552TS Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA8552TS Datasheet HTML 3Page - NXP Semiconductors TDA8552TS Datasheet HTML 4Page - NXP Semiconductors TDA8552TS Datasheet HTML 5Page - NXP Semiconductors TDA8552TS Datasheet HTML 6Page - NXP Semiconductors TDA8552TS Datasheet HTML 7Page - NXP Semiconductors TDA8552TS Datasheet HTML 8Page - NXP Semiconductors TDA8552TS Datasheet HTML 9Page - NXP Semiconductors TDA8552TS Datasheet HTML 10Page - NXP Semiconductors TDA8552TS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1998 Jun 02
7
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
Mode select pin
The device is in the standby mode (with a very low current
consumption) if the voltage at the MODE pin is between
VDD and VDD − 0.5 V. At a mode select voltage level of less
than 0.5 V the amplifier is fully operational. In the range
between 1 V and VDD − 1 V the amplifier is in the mute
condition. The mute condition is useful for using it as a ‘fast
mute’, in this mode the output signal is suppressed, while
the volume setting remains at its value. It is advised to
keep the device in the mute condition while the input
capacitor is being charged. This can be achieved by
holding the MODE pin at a level of 0.5VDD, or by waiting
approximately 100 ms before giving the first volume-UP
pulses.
Headphone sense pin (HPS)
A headphone can be connected to the amplifier by using a
coupling capacitor for each channel. The common ground
pin of the headphone is connected to the ground of the
amplifier, see Fig.4. By using the HPS pin as illustrated in
Fig.4, the TDA8552T detects if a headphone jack plug is
inserted into the connector.
When no headphone is plugged in, the voltage level at the
HPS pin will remain LOW. A voltage less than VDD − 1V at
the HPS pin will keep the device in the BTL mode, thus the
loudspeakers can be operational. If the HPS pin is not
connected then the device will remain in the BTL mode.
When a headphone is plugged into the connector, the
voltage at the HPS pin will be set to VDD. The device then
switches to the Single-Ended (SE) mode, this means that
the slave power amplifiers at the outputs OUT1
− and
OUT2
− will be switched to the standby mode. This results
in floating outputs OUT1
− and OUT2−, the loudspeaker
signal is thus attenuated by approximately 80 dB and only
the headphone can operate.
One of the benefits of this system is that the loudspeaker
current does not flow through the jack connector switch,
which could give some output power loss. The other
benefit is that the quiescent current is reduced when the
headphone jack is inserted.


Numéro de pièce similaire - TDA8552TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8552TS NXP-TDA8552TS Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
More results

Description similaire - TDA8552TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8552T NXP-TDA8552T_02 Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA8551 PHILIPS-TDA8551 Datasheet
163Kb / 20P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Texas Instruments
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com