Moteur de recherche de fiches techniques de composants électroniques |
|
TC1271FERCTR Fiches technique(PDF) 11 Page - Microchip Technology |
|
TC1271FERCTR Fiches technique(HTML) 11 Page - Microchip Technology |
11 / 14 page © 2007 Microchip Technology Inc. DS21381D-page 11 TC1270/TC1271 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X XX Threshold Package Temperature Range Device Device TC1270: 4-Pin RESET Monitor TC1271: 4-Pin RESET Monitor Threshold voltage (typical) L = 4.63 M = 4.38 T = 3.08 S = 2.93 R = 2.63 F = 1.75 Temperature Range E = -40 °C to +85°C Package RCTR = Plastic small outline transistor (RC) SOT-143, 4 lead, (tape and reel). Examples: a) TC1270LERCTR: 4.63V b) TC1270MERCTR: 4.38V c) TC1270TERCTR: 3.08V d) TC1270SERCPBTR: 2.93V e) TC1270SERCTR: 2.93V f) TC1270RERCTR: 2.63V g) TC1270FERCTR: 1.75V a) TC1271LERCTR: 4.63V b) TC1271MERCTR: 4.38V c) TC1271TERCTR: 3.08V d) TC1271SERCTR: 2.93V e) TC1271RERCTR: 2.63V f) TC1271FERCTR: 1.75V X Voltage |
Numéro de pièce similaire - TC1271FERCTR |
|
Description similaire - TC1271FERCTR |