Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8511J Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8511J
Description  4 x 13 W single-ended power amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8511J Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8511J Datasheet HTML 5Page - NXP Semiconductors TDA8511J Datasheet HTML 6Page - NXP Semiconductors TDA8511J Datasheet HTML 7Page - NXP Semiconductors TDA8511J Datasheet HTML 8Page - NXP Semiconductors TDA8511J Datasheet HTML 9Page - NXP Semiconductors TDA8511J Datasheet HTML 10Page - NXP Semiconductors TDA8511J Datasheet HTML 11Page - NXP Semiconductors TDA8511J Datasheet HTML 12Page - NXP Semiconductors TDA8511J Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Mar 10
9
Philips Semiconductors
Preliminary specification
4
× 13 W single-ended power amplifiers
TDA8511J
TEST/APPLICATION INFORMATION
Fig.6 Application diagram.
handbook, full pagewidth
MGL499
100
nF
16
5
13
220 nF
1
RL
RL
RL
RL
6
8
711
VP
TDA8511J
2200
µF
60
k
2
ground (signal)
10
k
9
not connected
3
input 2
60
k
60
k
reference
voltage
220 nF
15
10
60
k
input 3
4
17
12
power ground (substrate)
input 1
supply
voltage
ripple
rejection
input 4
220 nF
V /2
p
1000
µF
220 nF
100
µF
14
diagnostic
1000
µF
1000
µF
1000
µF
mode
switch


Numéro de pièce similaire - TDA8511J

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8510 PHILIPS-TDA8510 Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8512 PHILIPS-TDA8512 Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
More results

Description similaire - TDA8511J

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
logo
NXP Semiconductors
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com