Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZV99 Fiches technique(PDF) 7 Page - Arizona Microtek, Inc

No de pièce AZV99
Description  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99 Fiches technique(HTML) 7 Page - Arizona Microtek, Inc

Back Button AZV99 Datasheet HTML 3Page - Arizona Microtek, Inc AZV99 Datasheet HTML 4Page - Arizona Microtek, Inc AZV99 Datasheet HTML 5Page - Arizona Microtek, Inc AZV99 Datasheet HTML 6Page - Arizona Microtek, Inc AZV99 Datasheet HTML 7Page - Arizona Microtek, Inc AZV99 Datasheet HTML 8Page - Arizona Microtek, Inc AZV99 Datasheet HTML 9Page - Arizona Microtek, Inc AZV99 Datasheet HTML 10Page - Arizona Microtek, Inc AZV99 Datasheet HTML 11Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AZV99
April 2007 * REV - 9
www.azmicrotek.com
7
Application Circuit for CMOS Inputs
R1
1
Input
Type
AC
Coupled
(C2 in
circuit)
DC
Coupled
(C2
shorted)
3.3 V
CMOS
1.1 kΩ
2.0 kΩ
5 V CMOS
1.6 kΩ
3.3 kΩ
1 R1 should be chosen so that the input swing on the D input
with respect to D
¯ is in the range of ±80 to ±1000 mV, per the
AC Characteristics table and the D input is < ±750 mV with
respect to VBB.
Recommended Component Values for CMOS Single Ended Inputs
D
D
VBB
R1
See table
C2
3.3 or 5 V
CMOS
AZV99
Front End
C1
0.01 μF
AC Coupling Capacitor


Numéro de pièce similaire - AZV99

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99LG AZM-AZV99LG Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99LG AZM-AZV99LG Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NA AZM-AZV99NA Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NBG AZM-AZV99NBG Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Description similaire - AZV99

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com