Moteur de recherche de fiches techniques de composants électroniques |
|
TL082BIYDT Fiches technique(PDF) 8 Page - STMicroelectronics |
|
TL082BIYDT Fiches technique(HTML) 8 Page - STMicroelectronics |
8 / 17 page Electrical characteristics TL082 -TL082A - TL082B 8/17 Figure 14. Common mode rejection ratio versus free air temperature Figure 15. Output voltage versus elapsed time 89 88 87 86 85 84 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) 83 -75 R L = 1 0 kΩ = 15V V CC t r 28 24 20 16 12 8 4 0 -4 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 TIME ( μs) 10% 90% OVERSHOOT R L = 2kΩ T amb = +25˚ C V CC = 15V Figure 16. Voltage follower large signal pulse response Figure 17. Equivalent input noise voltage versus frequency Figure 18. Total harmonic distortion versus frequency 6 4 2 0 -2 -4 0 0.5 1 1.5 2 2.5 3 3.5 TIME (ms) -6 = 15V VCC RL = 2 kW = 100pF CL T amb = +25°C OUTPUT INPUT 70 60 50 40 30 20 10 0 10 40 100 400 1k 4k 10k 40k 100k FREQUENCY (Hz) A V = 10 R S = 100 Ω Tamb = +25˚C VCC = 15V 1 0.4 0.1 0.04 0.01 0.004 0.001 100 400 1k 4k 10k 40k 100k FREQUENCY (Hz) A V = 1 T amb = +25˚C V CC = 15V = 6V V O (rms) A V = 1 T amb = +25˚C = 6V V O (rms) V CC = 15V |
Numéro de pièce similaire - TL082BIYDT |
|
Description similaire - TL082BIYDT |