Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8395 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8395
Description  SECAM decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8395 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8395 Datasheet HTML 2Page - NXP Semiconductors TDA8395 Datasheet HTML 3Page - NXP Semiconductors TDA8395 Datasheet HTML 4Page - NXP Semiconductors TDA8395 Datasheet HTML 5Page - NXP Semiconductors TDA8395 Datasheet HTML 6Page - NXP Semiconductors TDA8395 Datasheet HTML 7Page - NXP Semiconductors TDA8395 Datasheet HTML 8Page - NXP Semiconductors TDA8395 Datasheet HTML 9Page - NXP Semiconductors TDA8395 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
October 1991
9
Philips Semiconductors
Preliminary specification
SECAM decoder
TDA8395
PACKAGE OUTLINE
UNIT
A
max.
1
2
b1
cE
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT38-1
92-10-02
95-01-19
A
min.
A
max.
b
max.
w
ME
e 1
1.40
1.14
0.055
0.045
0.53
0.38
0.32
0.23
21.8
21.4
0.86
0.84
6.48
6.20
0.26
0.24
3.9
3.4
0.15
0.13
0.254
2.54
7.62
0.30
8.25
7.80
0.32
0.31
9.5
8.3
0.37
0.33
2.2
0.087
4.7
0.51
3.7
0.15
0.021
0.015
0.013
0.009
0.01
0.10
0.020
0.19
050G09
MO-001AE
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
16
1
9
8
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
D
(1)
Z
DIP16: plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1


Numéro de pièce similaire - TDA8395

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
   PAL DECODER AND RGB MATRIX
fEBRUARY 1989
TDA8391 PHILIPS-TDA8391 Datasheet
872Kb / 15P
   One-chip PAL decoder and RGB matrix
February 1992
More results

Description similaire - TDA8395

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
TDA8490 ETC1-TDA8490 Datasheet
605Kb / 9P
   SECAM DECODER
logo
KODENSHI_AUK CORP.
KKA8395N KODENSHI-KKA8395N Datasheet
242Kb / 7P
   SECAM decoder
logo
TEMIC Semiconductors
U4935B TEMIC-U4935B Datasheet
183Kb / 16P
   SECAM Decoder
logo
Sony Corporation
CXA1214P SONY-CXA1214P Datasheet
562Kb / 14P
   SECAM COLOR DECODER
logo
Panasonic Semiconductor
AN5637 PANASONIC-AN5637 Datasheet
102Kb / 11P
   SECAM decoder IC
logo
Mitsubishi Electric Sem...
M52325AP MITSUBISHI-M52325AP Datasheet
80Kb / 13P
   SECAM DECODER(LINEAR INTEGRATED CIRCUIT)
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Integral Corp.
ILA8395 INTEGRAL-ILA8395 Datasheet
77Kb / 2P
   ICs for TV-SETS SECAM Decoder
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com