Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8380 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA8380
Description  Control circuit for switched mode power supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8380 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA8380 Datasheet HTML 6Page - NXP Semiconductors TDA8380 Datasheet HTML 7Page - NXP Semiconductors TDA8380 Datasheet HTML 8Page - NXP Semiconductors TDA8380 Datasheet HTML 9Page - NXP Semiconductors TDA8380 Datasheet HTML 10Page - NXP Semiconductors TDA8380 Datasheet HTML 11Page - NXP Semiconductors TDA8380 Datasheet HTML 12Page - NXP Semiconductors TDA8380 Datasheet HTML 13Page - NXP Semiconductors TDA8380 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
November 1993
10
Philips Semiconductors
Product specification
Control circuit for switched mode power supplies
TDA8380A
Demagnetization sense circuit
To enable the SMPS to be kept in the non-continuous mode, an input is available which delays switch-on of the
high-voltage transistor until the transformer currents have decayed to zero. This is an effective way of avoiding
transformer saturation. The waveforms illustrated by Fig.9 show demagnetization with respect to the application diagram
of Fig.13.
As long as the voltage of the take-over (auxiliary) winding (also used for supplying the device) is above 0.6 V (V3) the
output will be prevented from switching on.
Over-current protection
The over-current protection circuit (pin 13) senses the voltage across resistor Rs (see Fig.13), which reflects the primary
current. This generated voltage is negative-going as the emitter of the high-voltage power transistor is grounded (this
circuit arrangement provides the IC with the best safeguard against a possible collector-emitter short-circuit in the power
transistor). At pin 13, the negative voltage signal is shifted to a positive level by a voltage across resistor R13. This voltage
is set by the reference current at pin 13 and is defined by resistor R6 at the Iref input (pin 6) and = 1/6 × Vref/R6.
Therefore Vshift(VR 13) = Vref/6 × R13/R6 or nominal 0.416 × R13/R6 (V).
The positive current monitor voltage at pin 13 is compared with two voltage levels: the first level = 0.2 V and the second
level = 0 V (see Fig.10).
The first trip level only switches off the high-voltage transistor for a cycle and puts the SMPS in a continuous
cycle-by-cycle current protection mode.
The second trip level is only activated when the primary current rise is very fast which can occur during a short-circuited
output. In this mode the high-voltage transistor is quickly switched off and the slow-start procedure is activated.
The difference between the first and second primary current peak levels is set by Rs:
I2 − I1 = 0.2/Rs.
The absolute peak values are set by R6 and R13:
I2 × Rs = 0.416 × R13/R6 or
I1 × Rs = (0.416 × R13/R6) − 0.2
Fig.9 Demagnetization function.


Numéro de pièce similaire - TDA8380

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8385 PHILIPS-TDA8385 Datasheet
199Kb / 21P
   Control circuit for a Self-Oscillating Power Supply SOPS
March 1994
More results

Description similaire - TDA8380

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com