Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD294BW Fiches technique(PDF) 1 Page - Jianghai Europe GmbH

No de pièce CD294BW
Description  EC Snap-In Standard 105°C 4.000h Lifetime(Snap-In)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGHAI [Jianghai Europe GmbH]
Site Internet  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD294BW Fiches technique(HTML) 1 Page - Jianghai Europe GmbH

  CD294BW Datasheet HTML 1Page - Jianghai Europe GmbH CD294BW Datasheet HTML 2Page - Jianghai Europe GmbH CD294BW Datasheet HTML 3Page - Jianghai Europe GmbH CD294BW Datasheet HTML 4Page - Jianghai Europe GmbH CD294BW Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
CD
29 BW Series
4000 at 105°C
· Standard 105°C
· General Industry
CD
29S PJ
CD
294 BW
CD
293 BZ
longer
life
CD
296 KC
smaller size
105°C
Item
Characteristics
Operating Temperature Range (°C)
-40 ~ +105
-25 ~ +105
Voltage Range (V)
16 ~ 100
160 ~ 500
Capacitance Range (µF)
39 ~ 47 000
Capacitance Tolerance
(20°C, 120Hz)
± 20%
Leakage Current (µA)
After 5 minutes at 20°C application of rated voltage, leakage
current is not more than 0,01CV or 1,5mA, whichever is smaller
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
16
2

0
6~100 160~00 0~00
Tan
δ (max)
0,50
0,40
0,35
0,30
0,20
0,15
0,20
Stability at Low Temperature
(Impedance Ratio at 120Hz)
Rated Voltage (V)
16~100
160~200
20~00
Z
-25°C / Z +20°C
4
Z
-40°C / Z +20°C
15
-
Useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
 000h
>180 000h
2 000h
3 000h
1 000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacity Change
Within ± 30% of initial value
Within ± 20% of initial
value
Within ± 20% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value
Not more than 200% of
specified value
Not more than 130% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
Failure Rate Level
U
R
I
R
105°C
≤ 1% Failure Rate
U
R
1,4 x I
R
40°C
≤ 1% Failure Rate
U
R
I
R
105°C
guaranteed
U
R
I
R = 0
105°C
U
R = 0
I
R = 0
105°C
After test:
U
R to be applied
for 30min
>24h before
measurement
Frequency
Rated
Voltage (V)
50Hz
120Hz
1kHz
10kHz
20kHz
100kHz
≤ 100
0,95
1,00
1,10
1,15
1,15
1,20
160 ~ 250
0,87
1,00
1,11
1,18
1,20
1,40
≥ 350
0,80
1,00
1,14
1,14
1,20
1,65
Multiplier for Ripple Current
Frequency Coefficient
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 105°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Lifetime Diagram
40
50
60
70
80
90
100
110
TA (˚C)
IA
–––
IR
3.0
2.5
2.0
1.5
1.0
0.5
0.0
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
CD 294 BW Series
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn