Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD287GC Fiches technique(PDF) 5 Page - Jianghai Europe GmbH

No de pièce CD287GC
Description  EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGHAI [Jianghai Europe GmbH]
Site Internet  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD287GC Fiches technique(HTML) 5 Page - Jianghai Europe GmbH

  CD287GC Datasheet HTML 1Page - Jianghai Europe GmbH CD287GC Datasheet HTML 2Page - Jianghai Europe GmbH CD287GC Datasheet HTML 3Page - Jianghai Europe GmbH CD287GC Datasheet HTML 4Page - Jianghai Europe GmbH CD287GC Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9
Part Number System
L
L ≤ 7
L ≥ 11
Ø D
3
4
5
6,3
8
5
6,3
8
10 12,5 16
18
20
22
25
F
1
1,5
2,0
2,5
3,5
2,0
2,5
3,5
5,0
7,5
10,0
12,5
Ø d
0,4
0,45
0,5
0,6
0,8
1,0
a
Max
1,0
2,0
in mm
Dimensions for loose, long-lead type, (bulk)
Order Code: LL
Dimensions for Ammopack taping
Order Code: FF (FD)
Code
Case Range
Dimensions
Form
Ammopack
Ø D
L (max) H ± 0,75 Ho ± 0,5 F ± 0,5
P ± 0,1
FF
4 ~ 6
13
18,5
-
2,5
12,7
A
8
13
18,5
-
3,5
12,7
4 ~ 8
7
17,5
16
5
12,7
B
5 ~ 6,3
13
18,5
8
22
20,0
10
22
18,5
-
A
12,5
27
18,5
-
15,0
FD
12,5
27
18,5
-
25,4
C
FF
16 ~ 18
27
18,5
-
7,5
30,0
in mm
Dimensions for loose, short cut leads, (bulk)
Order Code: CC (CB,CD,CE,CF)
Straight Lead
Bended Lead
Code
CB
CC
CD
CE
CF
I
5,0 ± 0,5
4,5 ± 0,5
4,0 ± 0,5
3,5 ± 0,5
3,0 ± 0,5
in mm
preferred
Form A
Form B
Form C
Technical Specification Radial Type
2.5max
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Numéro de pièce similaire - CD287GC

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
CD2810 CDI-DIODE-CD2810 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
logo
List of Unclassifed Man...
CD2822 ETC2-CD2822 Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
CD2822ACB ETC2-CD2822ACB Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
More results

Description similaire - CD287GC

FabricantNo de pièceFiches techniqueDescription
logo
Jianghai Europe GmbH
CD284XY JIANGHAI-CD284XY Datasheet
976Kb / 5P
   EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
CD28LQL JIANGHAI-CD28LQL Datasheet
979Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
CD261XQX JIANGHAI-CD261XQX Datasheet
907Kb / 4P
   EC 105째C Long Lifetime 7.000 - 12.000h Highest Ripple Currents Miniaturized(Radial)
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD263BK JIANGHAI-CD263BK Datasheet
982Kb / 5P
   EC Radial Standard 105째C 2.000 - 3.000h Lifetime(Radial)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD261LK JIANGHAI-CD261LK Datasheet
942Kb / 4P
   EC 105째C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
CD138PC JIANGHAI-CD138PC Datasheet
1Mb / 4P
   EC Screw 85째C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com