Moteur de recherche de fiches techniques de composants électroniques |
|
CD261LK Fiches technique(PDF) 3 Page - Jianghai Europe GmbH |
|
CD261LK Fiches technique(HTML) 3 Page - Jianghai Europe GmbH |
3 / 4 page 8 Part Number System EC R 1C PT 101 M FF 2 0611 JExxxxx Technology Terminal Type Rated Voltage Code Series Code Capacitance Code (in µF) Capacitance Tolerance Lead Form Terminal/ Pitch Size Dimension for Specials only EC = Electr olytic Capacitor SMD = V For coding please refer to the pages of ratings CD VS = BS 0,47 = R47 ±20% = M SMD: 4x7 = 0407 Radial = R CD VH = VH 1,0 = 010 ±10% = K Taped = FF Terminal = T2 5x11,5 = 0511 PC = Polymer Capacitor Snap-In = S CD VZ = VZ 2,2 = 2R2 +30 / -10% = Q Radial: 6,3x11,5 = 0611 CD 261 = LK 100 = 101 +50 / -10% = T Long Lead = LL 2,0mm = 20 35x80 = 3580 CD 261X = QX 1 000 = 102 Cut 5,0mm = CB 2,5mm = 25 45x100 = 45100 CD 262 = QM 10 000 = 103 Cut ,mm = CC 3,5mm = 35 CD 26 = BK Cut 4,0mm = CD 5,0mm = 50 CD 269 = PH Cut 3,5mm = CE 7,5mm = 75 CD 281 = LL Cut 3,0mm = CF 10,0mm = 10 CD 28 = XY on request: alternative lead forms (axial, 90° - angle, others) 12,5mm = 12 CD 287 = GC CD 28L = QL Snap-In: CD 29 = BZ 4,0mm Pin Length = T4 2 Pin = P2 CD 29 = BW 6,mm Pin Length = T6 3 Pin = P3 CD 29 = BC Soldering Pin = S4 4 Pin = P4 CD 296 = KC 5 Pin = P5 CD 297 = BB preferred CD 299 = PG CD 29D = HR CD 29H = QH CD 29L = QL HCP = CP HPM = PM HVC = VC Order Code SMD, Radial, Snap-In Technical Specification SMD Type Dimensions Ø DxL x, x, 6,x, 6,x7,7 8x10, 8x11,8 10x10, 10x12,7 A 1,8 2,1 2,4 2,5 2,9 2,9 3,2 3,2 B 4,3 5,3 6,6 6,6 8,3 8,4 10,3 10,4 C 4,3 5,3 6,6 6,6 8,3 8,4 10,3 10,4 E 1,0 1,3 2,2 2,2 3,1 3,1 4,5 4,5 L 5,4 5,4 5,4 7,7 10,5 11,8 10,5 12,7 W 0,5 - 0,8 0,7 - 1,1 in mm Size (DxL) w ± 0, A ± 0,2 B ± 0,2 P ± 0,1 t2 ± 0,2 F ± 0,1 t1 ± 0,1 4 x 5,4 12,0 5,0 5,0 8,0 5,8 5,5 0,4 5 x 5,4 12,0 6,0 6,0 12,0 5,8 5,5 0,4 6,3 x 5,4 16,0 7,0 7,0 12,0 5,8 7,5 0,4 6,3 x 7,7 16,0 7,0 7,0 12,0 8,4 7,5 0,4 8 x 10,5 24,0 8,7 8,7 16,0 11,0 11,5 0,5 8 x 11,8 24,0 8,7 8,7 16,0 12,3 11,5 0,5 10 x 10,5 24,0 10,7 10,7 16,0 11,0 11,5 0,5 10 x 12,7 24,0 10,7 10,7 16,0 14,0 11,5 0,5 in mm Taping Dimensions Diameter w D 4; 5 14 ± 1 50 ± 1 6,3 18 ± 1 50 ± 1 8; 10 25 ± 1 50 ± 1 Polymer 25 ± 1 80 ± 1 in mm For more details or Soldering Profiles of Radials or Polymer-Capacitors please contact our local Sales Offices. Allowable Range of Peak Temperature Size T (°C) t (second) t1 (second) Ø 4 ~ 6,3 250 90 40 Ø 8 x 10,5 240 90 30 Ø 10 x 10,5 235 60 30 Soldering Profile (Aluminium Electrolytic Capacitors) Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2 |
Numéro de pièce similaire - CD261LK |
|
Description similaire - CD261LK |