Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8358 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA8358
Description  Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8358 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA8358 Datasheet HTML 7Page - NXP Semiconductors TDA8358 Datasheet HTML 8Page - NXP Semiconductors TDA8358 Datasheet HTML 9Page - NXP Semiconductors TDA8358 Datasheet HTML 10Page - NXP Semiconductors TDA8358 Datasheet HTML 11Page - NXP Semiconductors TDA8358 Datasheet HTML 12Page - NXP Semiconductors TDA8358 Datasheet HTML 13Page - NXP Semiconductors TDA8358 Datasheet HTML 14Page - NXP Semiconductors TDA8358 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
VP = 14 V
Vfb = 30 V
deflection
coil
5 mH
6
(W66ESF)
RM
0.5
RD1
270
RCMP
820 k
CD
(1)
47 nF
C3
100
nF
D1(2)
C1
47
µF
(100 V)
2.7
µH(3)
C4
100 nF
C2
220
µF
(25 V)
RFB
10
RD2
(1)
22
FEEDB
GUARD
RGRD
5.6 k
RS
2.7 k
INPUT
AND
FEEDBACK
CIRCUIT
GUARD
CIRCUIT
TDA8358J
4
11
3
VP
VFB
OUTB
OUTA
DEFLECTION
CONTROLLER
C6
2.2 nF
C7
2.2 nF
2
1
INA
INB
RCV1
2.2 k
(1%)
RCV2
2.2 k
(1%)
VI(bias)
0
VI(bias)
0
REWL
12
REWF
82 k
MGL874
6
Ii
9
VGND
EWGND
12
10
7
8
5
INEW
OUTEW
to line output
transformer
COMP.
CIRCUIT
13
COMP
II(av)
Ii(p-p)
0
Vi(p-p)
Vi(p-p)
M5
M2
M4
M1
M3
M6
D2
D3
D1
Fig.4 Application diagram.
Deflection circuit: fvert = 50 Hz; tFB = 640 µs; II(bias) = 400 µA; Ii(dif)(peak) = 290 µA; Io(p-p) = 2.4 A.
East-west amplifier: Ii(B) = 290 µA; Ii(T) = 510 µA.
(1) Optional, component values depend on the deflection coil impedance.
(2) Extended flash over protection; BYD33D or equivalent.
(3) Optional, extended flash over protection.


Numéro de pièce similaire - TDA8358

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

Description similaire - TDA8358

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8357J PHILIPS-TDA8357J Datasheet
96Kb / 16P
   Full bridge vertical deflection output circuit in LVDMOS
1999 Nov 10
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
STV9306B STMICROELECTRONICS-STV9306B Datasheet
190Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
logo
STMicroelectronics
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com