Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8351AQ Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA8351AQ
Description  DC-coupled vertical deflection output circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8351AQ Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA8351AQ Datasheet HTML 2Page - NXP Semiconductors TDA8351AQ Datasheet HTML 3Page - NXP Semiconductors TDA8351AQ Datasheet HTML 4Page - NXP Semiconductors TDA8351AQ Datasheet HTML 5Page - NXP Semiconductors TDA8351AQ Datasheet HTML 6Page - NXP Semiconductors TDA8351AQ Datasheet HTML 7Page - NXP Semiconductors TDA8351AQ Datasheet HTML 8Page - NXP Semiconductors TDA8351AQ Datasheet HTML 9Page - NXP Semiconductors TDA8351AQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 27
6
Philips Semiconductors
Product specification
DC-coupled vertical deflection output
circuit
TDA8351AQ
CHARACTERISTICS
VP = 17.5 V; VFB = 45 V; fi = 50 Hz; II(sb) = 400 µA; Tamb =25 °C; measured in test circuit of Fig.3; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC supply
VP
operating supply voltage
9.0
25
V
VFB
flyback supply voltage
VP
50
V
note 1
VP
60
V
IP
supply current
no signal; no load
30
55
mA
Vertical circuit
VO
output voltage swing (scan)
Idiff = 0.6 mA (p-p);
Vdiff = 1.8 V (p-p);
IO = 3 A (p-p)
19.8
−−
V
LE
linearity error
IO = 3 A (p-p); note 2
13%
IO = 50 mA (p-p); note 2 −
13%
VO
output voltage swing (flyback)
VO(A) − VO(B)
Idiff = 0.3 mA;
IO = 1.5 A
39
V
VDF
forward voltage of the internal
efficiency diode (VO(A) − VFB)
IO = −1.5 A;
Idiff = 0.3 mA
−−
1.5
V
|I
os|
output offset current
Idiff =0;
II(sb) =50to500 µA
−−
30
mA
|V
os|
offset voltage at the input of the
feedback amplifier (VI(fb) − VO(B))
Idiff =0;
II(sb) =50to500 µA
−−
18
mV
∆VosT
output offset voltage as a function
of temperature
Idiff =0
−−
72
µV/K
VO(A)
DC output voltage
Idiff = 0; note 3
8.0
V
Gvo
open-loop voltage gain (V9-5/V1-2) notes 4 and 5
80
dB
open loop voltage gain
(V9-5/V3-5; V1-2 =0)
note 4
80
dB
VR
voltage ratio V1-2/V3-5
0
dB
fres
frequency response (
−3 dB)
open loop; note 6
40
Hz
GI
current gain (IO/Idiff)
5000
∆G
cT
current gain drift as a function of
temperature
−−
10−4
K
II(sb)
signal bias current
50
400
500
µA
IFB
flyback supply current
during scan
−−
100
µA
PSRR
power supply ripple rejection
note 7
80
dB
VI(DC)
DC input voltage
2.7
V
VI(CM)
common mode input voltage
II(sb) =0
0
1.6
V
Ibias
input bias current
II(sb) =0
0.1
0.5
µA
IO(CM)
common mode output current
∆II(sb) = 300 µA (p-p);
fi = 50 Hz; Idiff =0
0.2
mA


Numéro de pièce similaire - TDA8351AQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
More results

Description similaire - TDA8351AQ

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
KODENSHI_AUK CORP.
KKA8351 KODENSHI-KKA8351 Datasheet
127Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA8356 PHILIPS-TDA8356 Datasheet
72Kb / 12P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
NTE Electronics
NTE7156 NTE-NTE7156 Datasheet
36Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
logo
NXP Semiconductors
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com