Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8351AQ Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA8351AQ
Description  DC-coupled vertical deflection output circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8351AQ Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA8351AQ Datasheet HTML 1Page - NXP Semiconductors TDA8351AQ Datasheet HTML 2Page - NXP Semiconductors TDA8351AQ Datasheet HTML 3Page - NXP Semiconductors TDA8351AQ Datasheet HTML 4Page - NXP Semiconductors TDA8351AQ Datasheet HTML 5Page - NXP Semiconductors TDA8351AQ Datasheet HTML 6Page - NXP Semiconductors TDA8351AQ Datasheet HTML 7Page - NXP Semiconductors TDA8351AQ Datasheet HTML 8Page - NXP Semiconductors TDA8351AQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Sep 27
4
Philips Semiconductors
Product specification
DC-coupled vertical deflection output
circuit
TDA8351AQ
PINNING
FUNCTIONAL DESCRIPTION
The vertical driver circuit is a bridge configuration. The
deflection coil is connected between the output amplifiers,
which are driven in opposite phase. An external resistor
(RM) connected in series with the deflection coil provides
internal feedback information. The differential input circuit
is voltage driven. The input circuit has been adapted to
enable it to be used with the TDA9150, TDA9151B,
TDA9160A, TDA9162, TDA8366 and TDA8367 which
deliver symmetrical current signals. An external resistor
(RCON) connected between the differential input
determines the output current through the deflection coil.
The relationship between the differential input current and
the output current is defined by: Idiff × RCON =Icoil × RM.
The output current is adjustable from 0.5 A (p-p) to 3 A
(p-p) by varying RM. The maximum input differential
voltage is 1.8 V. In the application it is recommended that
Vdiff = 1.5 V (typ). This is recommended because of the
spread of input current and the spread in the value of
RCON.
The flyback voltage is determined by an additional supply
voltage VFB. The principle of operating with two supply
voltages (class G) makes it possible to fix the supply
voltage VP optimum for the scan voltage and the second
supply voltage VFB optimum for the flyback voltage. Using
this method, very high efficiency is achieved.
The supply voltage VFB is almost totally available as
flyback voltage across the coil, this being possible due to
the absence of a decoupling capacitor (not necessary,
due to the bridge configuration). Built-in protections are:
• thermal protection
• short-circuit protection of the output pins (pins 5 and 9)
• short-circuit protection of the output pins to VP.
A guard circuit VO(guard) is provided. The guard circuit is
activated at the following conditions:
• during flyback
• during short-circuit of the coil and during short-circuit of
the output pins (pins 5 and 9) to VP or ground
• during open loop
• when the thermal protection is activated.
This signal can be used for blanking the picture tube
screen.
SYMBOL
PIN
DESCRIPTION
Idrive(pos)
1
input power-stage (positive);
includes II(sb) signal bias
Idrive(neg)
2
input power-stage (negative);
includes II(sb) signal bias
VI(fb)
3
input feedback voltage
VP
4
supply voltage
VO(B)
5
output voltage B
n.c.
6
not connected
GND
7
ground
VFB
8
input flyback supply voltage
VO(A)
9
output voltage A
VO(guard)
10
guard output voltage
n.c.
11
not connected
n.c.
12
not connected
n.c.
13
not connected
Fig.2 Pin configuration.
The die has been glued to the metal block of the package. If the metal
block is not insulated from the heat sink, the heat sink may only be
connected directly to pin 7.
handbook, halfpage
TDA8351A
MGC056
1
2
3
4
5
6
7
8
9
10
11
12
13
I drive(pos)
VFB
VO(guard)
VI(fb)
VO(B)
VO(A)
Vp
n.c.
n.c.
n.c.
n.c.
GND
I drive(neg)


Numéro de pièce similaire - TDA8351AQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
More results

Description similaire - TDA8351AQ

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
KODENSHI_AUK CORP.
KKA8351 KODENSHI-KKA8351 Datasheet
127Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA8356 PHILIPS-TDA8356 Datasheet
72Kb / 12P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
NTE Electronics
NTE7156 NTE-NTE7156 Datasheet
36Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
logo
NXP Semiconductors
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com