Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8303A Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA8303A
Description  Small signal combination IC for black/white TV
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8303A Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA8303A Datasheet HTML 6Page - NXP Semiconductors TDA8303A Datasheet HTML 7Page - NXP Semiconductors TDA8303A Datasheet HTML 8Page - NXP Semiconductors TDA8303A Datasheet HTML 9Page - NXP Semiconductors TDA8303A Datasheet HTML 10Page - NXP Semiconductors TDA8303A Datasheet HTML 11Page - NXP Semiconductors TDA8303A Datasheet HTML 12Page - NXP Semiconductors TDA8303A Datasheet HTML 13Page - NXP Semiconductors TDA8303A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
July 1992
10
Philips Semiconductors
Preliminary specification
Small signal combination IC for black/white TV
TDA8303
TDA8303A
SECOND CONTROL LOOP (POSITIVE EDGE)
control sensitivity
note 22
100
td
control range
25
−µs
PHASE ADJUSTMENT (VIA SECOND CONTROL LOOP)
control sensitivity
25
−µA/µs
α
maximum allowed phase shift
−±2
−µs
HORIZONTAL OSCILLATOR
ffr
free running frequency
R = 34.3 k
Ω;
C = 2.7 nF
15625
Hz
∆f
spread with fixed external components
−−
4%
∆ffr
frequency variations with supply voltage from
9.5 to 13.2 V
−−
2%
∆fT
frequency variation with temperature
note 25
−−1.6
Hz/
°C
∆f
fr
maximum frequency deviation at start of
horizontal output
−−
10
%
∆f
frequency variation when only noise is
received
note 25
−−
500
Hz
HORIZONTAL OUTPUT (PIN 26; OPEN COLLECTOR)
V26
output limiting voltage
−−
16.5
V
VOL
LOW level output voltage
Isink = 10 mA
0.2
0.5
V
Isink
maximum sink current
10
−−
mA
duty factor of output signal
46
%
tr
rise time of output pulse
260
ns
tf
fall time of output pulse
100
ns
HORIZONTAL FLYBACK INPUT (PIN 27)
I27
required input current during flyback pulse
0.01
1.0
mA
COINCIDENCE DETECTOR
V22
voltage for in-sync condition
9.8
V
V22
voltage for no-sync condition
no signal
1.5
V
V22
switching level to the phase detector from fast
to slow
6.2
6.7
7.2
V
V22
hysteresis slow to fast
0.6
V
V22
switching level to activate the mute function
(transmitter identification)
2.5
2.8
3.1
V
V22
hysteresis mute function
2
V
td
delay of mute release after transmitter
insertion
−−
300
µs
allowable load on pin 22
−−
10
µA
V22
external video mode
−−
0.7
V
I22
current at pin 22
V22 = 0 V
−−
0.8
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
δt
d
δt
o
-------


Numéro de pièce similaire - TDA8303A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8302H PHILIPS-TDA8302H Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA8305 ETC-TDA8305 Datasheet
24Kb / 1P
   Vision and sound I.F. detectir, horizontal and vertical timebase
logo
NXP Semiconductors
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
More results

Description similaire - TDA8303A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
NXP Semiconductors
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4504B PHILIPS-TDA4504B Datasheet
190Kb / 26P
   Small signal combination for multistandard colour TV
February 1992
logo
List of Unclassifed Man...
TBA1440G ETC1-TBA1440G Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com