Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8060TS Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA8060TS
Description  Satellite ZERO-IF QPSK down-converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060TS Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA8060TS Datasheet HTML 1Page - NXP Semiconductors TDA8060TS Datasheet HTML 2Page - NXP Semiconductors TDA8060TS Datasheet HTML 3Page - NXP Semiconductors TDA8060TS Datasheet HTML 4Page - NXP Semiconductors TDA8060TS Datasheet HTML 5Page - NXP Semiconductors TDA8060TS Datasheet HTML 6Page - NXP Semiconductors TDA8060TS Datasheet HTML 7Page - NXP Semiconductors TDA8060TS Datasheet HTML 8Page - NXP Semiconductors TDA8060TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Fig.1 Block diagram.
handbook, full pagewidth
MGM318
ASYM
AMP
AMP
SYM
LNA
BASEBAND
STAGE
I CONVERTER
×
100 MHz
ASYM
SYM
Q CONVERTER
×
100 MHz
CONVERSION STAGE
RFA 8
IBBOUT
23
QBBOUT
14
VCC(BB1)
1
BBGND1
3
VCC(BB2)
12
BBGND2
10
RFB 7
COMGAIN 4
PEN
5
QUADRATURE
GENERATOR
STABILIZED LO
PLL AND
AMPLIFIER
OSCILLATOR
DIVIDE-BY-2
TDA8060TS
11
QOUT
20
LOOUT
21
LOOUTC
18
TKA
17
TKB
VCC(RF)
6
RFGND
9
VCC(LO1)
16
LOGND1
15
VCC(LO2)
19
LOGND2
22
13
QBBIN
IOUT
2
IBBIN
24
LOW-PASS
FILTER
LOW-PASS
FILTER


Numéro de pièce similaire - TDA8060TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
More results

Description similaire - TDA8060TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
Maxim Integrated Produc...
MAX12005 MAXIM-MAX12005 Datasheet
1Mb / 14P
   Satellite IF Switch
Rev 1; 10/11
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
   SATELLITE IF CHANNEL FILTERS
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com