Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8050A Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA8050A
Description  QPSK transmitter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8050A Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA8050A Datasheet HTML 3Page - NXP Semiconductors TDA8050A Datasheet HTML 4Page - NXP Semiconductors TDA8050A Datasheet HTML 5Page - NXP Semiconductors TDA8050A Datasheet HTML 6Page - NXP Semiconductors TDA8050A Datasheet HTML 7Page - NXP Semiconductors TDA8050A Datasheet HTML 8Page - NXP Semiconductors TDA8050A Datasheet HTML 9Page - NXP Semiconductors TDA8050A Datasheet HTML 10Page - NXP Semiconductors TDA8050A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1999 Nov 05
7
Philips Semiconductors
Product specification
QPSK transmitter
TDA8050A
Quadrature modulator
I and Q inputs
Vi(DC)
input DC level
0.5
× VCC
V
Vi(p-p)
signal input level (balanced)
(peak-to-peak)
indicative
400
500
mV
fi(max)
I and Q maximum input
frequency
indicative
10
MHz
Zi(dif)
differential input impedance
4.4
k
B(1 dB)
1 dB bandwidth amplifier
indicative
10
MHz
Modulator
fc
output centre frequency
−−
140
MHz
∆A
amplitude imbalance
see Fig.3
−−
±1dB
∆Φ
phase imbalance
−−
±2
deg
LO(sup)
LO suppression
see Fig.3
−−28
dBc
Zo(dif)
differential output impedance
1.8
k
Modulator VCO
FOSC(mod)
oscillation frequency
−−
280
MHz
Converter output
VO
output level
f = 5 MHz; Vi = 100 mVdif at
I and Q inputs
37.5
40
42.5
dBmV
∆VO
output flatness
f = 5 to 65 MHz; Vi = 100 mVdif
at I and Q inputs
−−
2dB
fc
output centre frequency
5
65
MHz
Zo(dif)
differential output impedance
150
−Ω
IP3
3rd order interception point at
I input
see Fig.4
−−
52
dBmV
H2
2nd order harmonic of
5 to 65 MHz signal
f = 10 to 130 MHz;
Vi = 100 mVdif at I and Q inputs
−−
−40
dBc
H3
3rd order harmonic of
5 to 65 MHz signal
f = 15 to 195 MHz;
Vi = 100 mVdif at I and Q inputs
−−
−40
dBc
SO
mixer spurious outputs of
5 to 65 MHz signal
f = 5 to 65 MHz; Vi = 100 mVdif
at I and Q inputs
−−
−45
dBc
Converter VCO
fosc(min)
minimum oscillation frequency
−−
145
MHz
fosc(max)
maximum oscillation frequency
205
−−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA8050A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8050 PHILIPS-TDA8050 Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
TDA8050T PHILIPS-TDA8050T Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
More results

Description similaire - TDA8050A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
NXP Semiconductors
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
   Digital QPSK Demodulator
logo
Skyworks Solutions Inc.
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com