Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8044AH Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA8044AH
Description  Satellite demodulator and decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8044AH Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA8044AH Datasheet HTML 6Page - NXP Semiconductors TDA8044AH Datasheet HTML 7Page - NXP Semiconductors TDA8044AH Datasheet HTML 8Page - NXP Semiconductors TDA8044AH Datasheet HTML 9Page - NXP Semiconductors TDA8044AH Datasheet HTML 10Page - NXP Semiconductors TDA8044AH Datasheet HTML 11Page - NXP Semiconductors TDA8044AH Datasheet HTML 12Page - NXP Semiconductors TDA8044AH Datasheet HTML 13Page - NXP Semiconductors TDA8044AH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2000 Feb 21
10
Philips Semiconductors
Product specification
Satellite demodulator and decoder
TDA8044
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Maximum power dissipation is specified for 96 MHz clock frequency, 45 Msymbols/s and a puncture rate of 7
8.
2. Maximum power dissipation is specified for 64 MHz clock frequency, 30 Msymbols/s and a puncture rate of 7
8.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage pins
−0.3
+3.55
V
Vmax
maximum voltage on all pins
0
VDD
V
Ptot
total power dissipation
TDA8044
Tamb =70 °C; note 1
1700
mW
TDA8044A
Tamb =70 °C; note 2
1250
mW
Tstg
IC storage temperature
−55
+150
°C
Tamb
ambient temperature
Tamb =70 °C0
70
°C
Tj
operating junction temperature
0
125
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA8044
34
K/W
TDA8044A
45
K/W


Numéro de pièce similaire - TDA8044AH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8042 PHILIPS-TDA8042 Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
More results

Description similaire - TDA8044AH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
Zarlink Semiconductor I...
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
   Satellite Demodulator
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
   Satellite Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
   Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Mitel Networks Corporat...
VP305 MITEL-VP305 Datasheet
652Kb / 85P
   Satellite Channel Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com