Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KA-3528F4C Datasheet(Fiches technique) 5 Page - Kingbright Corporation

Numéro de pièce KA-3528F4C
Description  IBFRA-RED EMITTING DIODES
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528F4C Datasheet(HTML) 5 Page - Kingbright Corporation

  KA-3528F4C Datenblatt HTML 1Page - Kingbright Corporation KA-3528F4C Datenblatt HTML 2Page - Kingbright Corporation KA-3528F4C Datenblatt HTML 3Page - Kingbright Corporation KA-3528F4C Datenblatt HTML 4Page - Kingbright Corporation KA-3528F4C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: KDA0434
REV NO: V.1
DATE: SEP/21/2001
PAGE: 5 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
Recommended Soldering Pattern
(Units : mm)
Tape Specifications
(Units : mm)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
OP298GaAlAs Plastic Infrared Emitting Diodes 1 2 3 4 OPTEK Technologies
IR3C01Laser Diodes Driver IC 1 2 3 4 Sharp Electrionic Components
BYX96RECTIFIER DIODES 1 2 3 4 5 MoreNXP Semiconductors
LM285_05Micropower Voltage Reference Diodes 1 2 3 4 5 MoreON Semiconductor
SBL3040CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
1N821_1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
1PS70SB40General-purpose Schottky diodes 1 2 3 4 5 MoreNXP Semiconductors
ML7XX19MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES 1 2 3 4 Mitsubishi Electric Semiconductor
CDSV6-4448TI-GSmall Signal Schottky Diodes 1 2 Comchip Technology
MADP-008120-12790TSurface Mount Plastic PIN Diodes 1 2 3 4 Tyco Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn