Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A101024006 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce A101024006
Description  Timers Delay on Operate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

A101024006 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  A101024006 Datasheet HTML 1Page - List of Unclassifed Manufacturers A101024006 Datasheet HTML 2Page - List of Unclassifed Manufacturers A101024006 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (25.10.99)
1
Time ranges
0.15-
6 s
1.5 - 60 s
15
- 600 s
Time range accuracy
0 to +10% on max.
min. actual time
≤ min.
set time
Timers
Mono-function, plug-in, de-
lay on operate miniature time
relays up to 600 s (10 min)
covering
3
individual
time
ranges.
These
economical
relays can be used to pre-
vent
several
motors
from
starting simultaneously due
to power supply interruptions.
Repeatability deviation
≤ 1%
Time variation
Within rated power supply
≤ 0.05%/V
and ambient temperature
≤ 0.2%/°C
Reset
Power supply interruption
Time and/or relay
≥ 250 ms
Function
Output
Type
Power supply
Time range
• Time ranges: 0.15 s to 600 s
• Automatic start
• Knob-adjustable time within range
• Oscillator-controlled time circuit
• Repeatability deviation:
≤ 1%
• Output: 10 A SPDT or 8 A DPDT relay
• Plug-in type module
• Scantimer housing
• LED-indication for relay on
• AC or DC power supply
Delay on Operate
Types A 108, A 101, A 208, A 201
Plug
Output
Time ranges
Supply: 24 VAC/DC
Supply: 120 VAC
Supply: 220 VAC
Circular
SPDT
0.15-
6 s
A 108 024 006
A 108 120 006
A 108 220 006
8 pin
1.5 - 60 s
A 108 024 060
A 108 120 060
A 108 220 060
15
-600 s
A 108 024 600
A 108 120 600
A 108 220 600
Circular
0.15-
6 s
A 101 024 006
A 101 120 006
A 101 220 006
11 pin
1.5 - 60 s
A 101 024 060
A 101 120 060
A 101 220 060
15
-600 s
A 101 024 600
A 101 120 600
A 101 220 600
Circular
DPDT
0.15-
6 s
A 208 024 006
A 208 120 006
A 208 220 006
8 pin
1.5 - 60 s
A 208 024 060
A 208 120 060
A 208 220 060
15
-600 s
A 208 024 600
A 208 120 600
A 208 220 600
Circular
0.15-
6 s
A 201 024 006
A 201 120 006
A 201 220 006
11 pin
1.5 - 60 s
A 201 024 060
A 201 120 060
A 201 220 060
15
-600 s
A 201 024 600
A 201 120 600
A 201 220 600
Ordering Key
Product Description
Type Selection
Time Specifications
A 108 024 600


Numéro de pièce similaire - A101024006

FabricantNo de pièceFiches techniqueDescription
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1010 ACTEL-A1010 Datasheet
172Kb / 24P
   5V and 3.3V Families fully compatible with JEDEC specifications
logo
List of Unclassifed Man...
A10106PHC ETC2-A10106PHC Datasheet
1Mb / 4P
   Mounting brackets required to meet UL/CSA external mounting requirements.
A10106PHCW ETC2-A10106PHCW Datasheet
1Mb / 4P
   Mounting brackets required to meet UL/CSA external mounting requirements.
A10106SC ETC2-A10106SC Datasheet
621Kb / 2P
   Screw Cover, Type 12
More results

Description similaire - A101024006

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
List of Unclassifed Man...
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
   Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
   Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
   Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
HAA08DM24 CARLOGAVAZZI-HAA08DM24 Datasheet
159Kb / 3P
   Timers Delay on Operate Types HAA08, HAA14
FAA01 CARLOGAVAZZI-FAA01 Datasheet
225Kb / 4P
   Timers Delay on Operate Types FAA01, FAA08
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
   Delay on operate timing mode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com