Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7073 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA7073
Description  Dual BTL power driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7073 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA7073 Datasheet HTML 7Page - NXP Semiconductors TDA7073 Datasheet HTML 8Page - NXP Semiconductors TDA7073 Datasheet HTML 9Page - NXP Semiconductors TDA7073 Datasheet HTML 10Page - NXP Semiconductors TDA7073 Datasheet HTML 11Page - NXP Semiconductors TDA7073 Datasheet HTML 12Page - NXP Semiconductors TDA7073 Datasheet HTML 13Page - NXP Semiconductors TDA7073 Datasheet HTML 14Page - NXP Semiconductors TDA7073 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Aug 30
11
Philips Semiconductors
Product specification
Dual BTL power driver
TDA7073A; TDA7073AT
SOLDERING
Introduction
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“Data Handbook IC26; Integrated Circuit Packages”
(document order number 9398 652 90011).
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mount components are mixed on
one printed-circuit board. However, wave soldering is not
always suitable for surface mount ICs, or for printed-circuit
boards with high population densities. In these situations
reflow soldering is often used.
Through-hole mount packages
SOLDERING BY DIPPING OR BY SOLDER WAVE
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joints for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg(max)). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
MANUAL SOLDERING
Apply the soldering iron (24 V or less) to the lead(s) of the
package, either below the seating plane or not more than
2 mm above it. If the temperature of the soldering iron bit
is less than 300
°C it may remain in contact for up to
10 seconds. If the bit temperature is between
300 and 400
°C, contact may be up to 5 seconds.
Surface mount packages
REFLOW SOLDERING
Reflow soldering requires solder paste (a suspension of
fine solder particles, flux and binding agent) to be applied
to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement.
Several methods exist for reflowing; for example,
infrared/convection heating in a conveyor type oven.
Throughput times (preheating, soldering and cooling) vary
between 100 and 200 seconds depending on heating
method.
Typical reflow peak temperatures range from
215 to 250
°C. The top-surface temperature of the
packages should preferable be kept below 230
°C.
WAVE SOLDERING
Conventional single wave soldering is not recommended
for surface mount devices (SMDs) or printed-circuit boards
with a high component density, as solder bridging and
non-wetting can present major problems.
To overcome these problems the double-wave soldering
method was specifically developed.
If wave soldering is used the following conditions must be
observed for optimal results:
• Use a double-wave soldering method comprising a
turbulent wave with high upward pressure followed by a
smooth laminar wave.
• For packages with leads on two sides and a pitch (e):
– larger than or equal to 1.27 mm, the footprint
longitudinal axis is preferred to be parallel to the
transport direction of the printed-circuit board;
– smaller than 1.27 mm, the footprint longitudinal axis
must be parallel to the transport direction of the
printed-circuit board.
The footprint must incorporate solder thieves at the
downstream end.
• For packages with leads on four sides, the footprint must
be placed at a 45
° angle to the transport direction of the
printed-circuit board. The footprint must incorporate
solder thieves downstream and at the side corners.
During placement and before soldering, the package must
be fixed with a droplet of adhesive. The adhesive can be
applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the
adhesive is cured.
Typical dwell time is 4 seconds at 250
°C.
A mildly-activated flux will eliminate the need for removal
of corrosive residues in most applications.
MANUAL SOLDERING
Fix the component by first soldering two
diagonally-opposite end leads. Use a low voltage (24 V or
less) soldering iron applied to the flat part of the lead.
Contact time must be limited to 10 seconds at up to
300
°C.
When using a dedicated tool, all other leads can be
soldered in one operation within 2 to 5 seconds between
270 and 320
°C.


Numéro de pièce similaire - TDA7073

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA7072 PHILIPS-TDA7072 Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072AT PHILIPS-TDA7072AT Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
More results

Description similaire - TDA7073

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
logo
AMtek SEMICONDUCTORS CO...
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
   Dual Channel BTL Power Amplifier
logo
KEC(Korea Electronics)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
   22W BTL DUAL AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13127 HITACHI-HA13127 Datasheet
298Kb / 13P
   17W DUAL BTL AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
NTE Electronics
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
   Dual, Audio Power Amplifier, 22W BTL
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
   22W DUAL BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com