Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7056AT Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA7056AT
Description  3 W mono BTL audio amplifier with DC volume control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7056AT Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA7056AT Datasheet HTML 1Page - NXP Semiconductors TDA7056AT Datasheet HTML 2Page - NXP Semiconductors TDA7056AT Datasheet HTML 3Page - NXP Semiconductors TDA7056AT Datasheet HTML 4Page - NXP Semiconductors TDA7056AT Datasheet HTML 5Page - NXP Semiconductors TDA7056AT Datasheet HTML 6Page - NXP Semiconductors TDA7056AT Datasheet HTML 7Page - NXP Semiconductors TDA7056AT Datasheet HTML 8Page - NXP Semiconductors TDA7056AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Feb 23
5
Philips Semiconductors
Product specification
3 W mono BTL audio amplifier with DC
volume control
TDA7056AT
FUNCTIONAL DESCRIPTION
The TDA7056AT is a mono BTL output amplifier with DC
volume control. It is designed for use in TVs and monitors
but is also suitable for battery-fed portable recorders and
radios.
In conventional DC volume circuits the control or input
stage is AC-coupled to the output stage via external
capacitors to keep the offset voltage low. In the
TDA7056AT the DC volume control stage is integrated into
the input stage so that no coupling capacitors are required.
With this configuration, a low offset voltage is still
maintained and the minimum supply voltage remains low.
The BTL principle offers the following advantages:
• Lower peak value of the supply current
• The frequency of the ripple on the supply voltage is twice
the signal frequency.
Consequently, a reduced power supply with smaller
capacitors can be used which also results in cost
reductions. For portable applications there is a trend to
decrease the supply voltage, resulting in a reduction of
output power at conventional output stages. Using the BTL
principle increases the output power.
The maximum gain of the amplifier is fixed at 35.5 dB.
The DC volume control stage has a logarithmic control
characteristic.
The total gain can be controlled from +35.5 to
−44 dB.
If the DC volume control voltage is below 0.3 V, the device
switches to the mute mode.
The amplifier is short-circuit proof to ground, VP and
across the load. A thermal protection circuit is also
implemented. If the crystal temperature rises above
+150
°C the gain will be reduced, thereby reducing the
output power. Special attention is given to switch-on and
switch-off clicks, low HF radiation and a good overall
stability.
Power dissipation
Assume VP = 12 V; RL =16 Ω.
The maximum sine wave dissipation is 1.8 W.
The Rth vj-a of the package is 60 K/W.
Therefore Tamb(max) = 150 − 60 × 1.8=42 °C.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
18
V
V5, 7
input voltage pins 5 and 7
5V
IORM
repetitive peak output current
1.25
A
IOSM
non-repetitive peak output current
1.5
A
Ptot
total power dissipation
Tcase < 60 °C
1.5
W
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−55
+150
°C
Tvj
virtual junction temperature
150
°C
tsc
short-circuit time
1h
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
60
K/W


Numéro de pièce similaire - TDA7056AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
More results

Description similaire - TDA7056AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com