Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7053A Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA7053A
Description  Stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053A Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA7053A Datasheet HTML 5Page - NXP Semiconductors TDA7053A Datasheet HTML 6Page - NXP Semiconductors TDA7053A Datasheet HTML 7Page - NXP Semiconductors TDA7053A Datasheet HTML 8Page - NXP Semiconductors TDA7053A Datasheet HTML 9Page - NXP Semiconductors TDA7053A Datasheet HTML 10Page - NXP Semiconductors TDA7053A Datasheet HTML 11Page - NXP Semiconductors TDA7053A Datasheet HTML 12Page - NXP Semiconductors TDA7053A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Jul 15
9
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
Fig.11 Input signal handling.
THD = 1 %.
handbook, halfpage
020
VP (V)
Vin
(V)
2.0
0
0.4
MBG665
0.8
1.2
1.6
4
8
12
16
Fig.12 Volume control current as a function of
volume control voltage.
handbook, halfpage
0
IVC
(
µA)
2.0
VVC (V)
30
−10
−20
−30
20
10
0
MBG666
0.4
0.8
1.2
1.6
APPLICATION INFORMATION
The application diagram is illustrated in Fig.13.
Test conditions
Tamb =25 °C unless otherwise specified; VP =6V;
VDC = 1.4 V; fi = 1 kHz; RL =8 Ω.
The quiescent current has been measured without load
impedance.
The output power as a function of the supply voltage has
been measured at THD = 10%. The maximum output
power is limited by the maximum power dissipation and the
maximum available output current.
The maximum input signal voltage is measured at
THD = 1% at the output with a voltage gain of 0 dB.
To avoid instabilities and too high distortion, the input
ground and power ground must be separated as far as
possible and connected as close as possible to the IC.
The DC volume control can be applied in several ways.
Two possible circuits are shown below the main
application diagram. The circuits at the control pin will
influence the switch-on and switch-off behaviour and the
maximum voltage gain.
For single-end applications the output peak current must
not exceed 100 mA. At higher output currents the
short-circuit protection (MCL) will be active.


Numéro de pièce similaire - TDA7053A

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-D16-T UTC-TDA7053A-D16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-R UTC-TDA7053A-S16-R Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-T UTC-TDA7053A-S16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053AG-D16-T UTC-TDA7053AG-D16-T Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
More results

Description similaire - TDA7053A

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com