Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7040 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA7040
Description  Low voltage PLL stereo decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7040 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA7040 Datasheet HTML 1Page - NXP Semiconductors TDA7040 Datasheet HTML 2Page - NXP Semiconductors TDA7040 Datasheet HTML 3Page - NXP Semiconductors TDA7040 Datasheet HTML 4Page - NXP Semiconductors TDA7040 Datasheet HTML 5Page - NXP Semiconductors TDA7040 Datasheet HTML 6Page - NXP Semiconductors TDA7040 Datasheet HTML 7Page - NXP Semiconductors TDA7040 Datasheet HTML 8Page - NXP Semiconductors TDA7040 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
September 1986
5
Philips Semiconductors
Product specification
Low voltage PLL stereo decoder
TDA7040T
ACI (Adjacent channel interference)
Vi(rms) L and R 120 mV;
Vp(rms) = 12 mV; f = 1 kHz;
VACI(RMS) = 1,3 mV; f = 114 kHz
α
114
90
dB
VACI(RMS) = 1,3 mV; f = 190 kHz
α
119
85
dB
Traffic radio (V.W.F.) suppression
α
57(VWF)
75
dB
measured with: 91% stereo signal; fm = 1 kHz;
9% pilot signal; 5% traffic subcarrier
(f = 57 kHz, fm = 23 Hz AM, m = 60%)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
α
57 VWF
()
V
o signal
() at1kHz
()
V
o spurious
() at1kHz
(
23 Hz
)
±
-------------------------------------------------------------------------------------
=
Fig.2 Test circuit.


Numéro de pièce similaire - TDA7040

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA7000 PHILIPS-TDA7000 Datasheet
227Kb / 10P
   FM radio circuit
May 1992
TDA7010 PHILIPS-TDA7010 Datasheet
182Kb / 11P
   FM radio circuit
September 1983
TDA7010T PHILIPS-TDA7010T Datasheet
182Kb / 11P
   FM radio circuit
September 1983
logo
List of Unclassifed Man...
TDA7020T ETC1-TDA7020T Datasheet
252Kb / 6P
   FM RADIO CIRCUIT
logo
NXP Semiconductors
TDA7021 PHILIPS-TDA7021 Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
More results

Description similaire - TDA7040

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com