Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6502A Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA6502A
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6502A Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA6502A Datasheet HTML 1Page - NXP Semiconductors TDA6502A Datasheet HTML 2Page - NXP Semiconductors TDA6502A Datasheet HTML 3Page - NXP Semiconductors TDA6502A Datasheet HTML 4Page - NXP Semiconductors TDA6502A Datasheet HTML 5Page - NXP Semiconductors TDA6502A Datasheet HTML 6Page - NXP Semiconductors TDA6502A Datasheet HTML 7Page - NXP Semiconductors TDA6502A Datasheet HTML 8Page - NXP Semiconductors TDA6502A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
2000 Mar 16
5
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
4
QUICK REFERENCE DATA
Measured over full voltage and temperature ranges.
Notes
1. One buffer ‘on’, Io = 25 mA; two buffers ‘on’, maximum sum of Io = 30 mA.
2. The power dissipation is calculated as follows:
where:
VP(sat) = output saturation voltage on the buffer output
Io = source current for one buffer output.
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
operating
4.5
5
5.5
V
ICC
supply current
all PMOS ports are off;
VCC =5V
71
mA
fXTAL
crystal oscillator frequency
4.0
MHz
Io(PMOS)
PMOS port output current
note 1
−−
30
mA
Ptot
total power dissipation
note 2
−−
520
mW
Tstg
IC storage temperature
−40
+150
°C
Tamb
ambient temperature
−20
+85
°C
fRF
RF frequency
VHF band
40
800
MHz
UHF band
200
900
MHz
GV
voltage gain
VHF band
20
dB
UHF band
32
dB
NF
noise figure
VHF band
7.5
dB
UHF band
7
dB
Vo
output voltage (causing 1% cross
modulation in channel)
VHF band
110
dB
µV
UHF band
110
dB
µV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA6502;
TDA6502A;
TDA6503;
TDA6503A
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1
P
tot
V
CC
I
CC
I
o
() V
P(sat)
I
o
0.5
33V
×
()
2
22 k
---------------------------------
+
×
+
×
=


Numéro de pièce similaire - TDA6502A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501 PHILIPS-TDA6501 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Description similaire - TDA6502A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com