Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6403 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA6403
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6403 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA6403 Datasheet HTML 6Page - NXP Semiconductors TDA6403 Datasheet HTML 7Page - NXP Semiconductors TDA6403 Datasheet HTML 8Page - NXP Semiconductors TDA6403 Datasheet HTML 9Page - NXP Semiconductors TDA6403 Datasheet HTML 10Page - NXP Semiconductors TDA6403 Datasheet HTML 11Page - NXP Semiconductors TDA6403 Datasheet HTML 12Page - NXP Semiconductors TDA6403 Datasheet HTML 13Page - NXP Semiconductors TDA6403 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
2000 Jan 24
10
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Table 8
Reference divider ratio select bits
Note
1. X = don’t care.
RSA
RSB
REFERENCE DIVIDER RATIO
FREQUENCY STEP (kHz)
X(1)
0
640
6.25
0
1
1024
3.90625
1
1
512
7.8125
READ MODE; R/W = 1 (see Table 9)
Data can be read from the device by setting the R/W bit to
logic 1. After the slave address has been recognized, the
device generates an acknowledge pulse and the first data
byte (status byte) is transferred on the SDA line (MSB
first). Data is valid on the SDA line during a HIGH-level of
the SCL clock signal. A second data byte can be read from
the device if the microcontroller generates an
acknowledge on the SDA line (master acknowledge).
End of transmission will occur if no master acknowledge
occurs. The device will then release the data line to allow
the microcontroller to generate a STOP condition.
The POR flag is set to logic 1 at power-on. The flag is reset
when an end-of-data is detected by the device (end of a
READ sequence). Control of the loop is made possible
with the in-lock flag FL which indicates when the loop is
locked (FL = 1).
The automatic charge pump switch flag (ACPS) is LOW
when the automatic charge pump switch mode is ‘ON’ and
the loop is locked. In other conditions, ACPS = 1.
When ACPS = 0, the charge pump current is forced to the
LOW value.
A built-in ADC is available on LOCK/ADC pin (I2C-bus
mode only). This converter can be used to apply AFC
information to the microcontroller from the IF section of the
television. The relationship between the bits A2, A1 and A0
is given in Table 11.
Table 9
Read data format
Note
1. MSB is transmitted first.
Table 10 Description of symbols used in Table 9
NAME
BYTE
BITS
ACK
MSB(1)
LSB
Address byte
ADB
11000
MA1
MA0
R/W = 1
A
Status byte
SB
POR
FL
ACPS
1
1
A2
A1
A0
SYMBOL
DESCRIPTION
A
acknowledge
POR
power-on reset flag (POR = 1 at power-on)
FL
in-lock flag (FL = 1 when the loop is locked)
ACPS
automatic charge pump switch flag:
ACPS = 0; active
ACPS = 1; not active
A2, A1, A0
digital outputs of the 5-level ADC


Numéro de pièce similaire - TDA6403

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6404TS PHILIPS-TDA6404TS Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405 PHILIPS-TDA6405 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405A PHILIPS-TDA6405A Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405ATS PHILIPS-TDA6405ATS Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
More results

Description similaire - TDA6403

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com