Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXXXMB290-SXX00 Fiches technique(PDF) 5 Page - Cree, Inc

No de pièce CXXXMB290-SXX00
Description  MegaBright짰 Generation II LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXMB290-SXX00 Fiches technique(HTML) 5 Page - Cree, Inc

  CXXXMB290-SXX00 Datasheet HTML 1Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 2Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 3Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 4Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 5Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 6Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree,
Inc.
5
CPR3CK Rev. C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxMB290-Sxx00 (continued)
MB-4
C470MB290-S400
C470MB290-0217
C470MB290-0218
C470MB290-0219
C470MB290-0220
C470MB290-0213
C470MB290-0214
C470MB290-0215
C470MB290-0216
465 nm
467.5 nm
470 nm
472.5 nm
475 nm
16.0 mW
14.0 mW
Dominant Wavelength
MB-2
C470MB290-S200
C470MB290-0217
C470MB290-0218
C470MB290-0219
C470MB290-0220
C470MB290-0213
C470MB290-0214
C470MB290-0215
C470MB290-0216
C470MB290-0209
C470MB290-0210
C470MB290-0211
C470MB290-0212
465 nm
467.5 nm
470 nm
472.5 nm
475 nm
16.0 mW
14.0 mW
12.0 mW
Dominant Wavelength
MB-0
C470MB290-S000
C470MB290-0217
C470MB290-0218
C470MB290-0219
C470MB290-0220
C470MB290-0213
C470MB290-0214
C470MB290-0215
C470MB290-0216
C470MB290-0209
C470MB290-0210
C470MB290-0211
C470MB290-0212
C470MB290-0205
C470MB290-0206
C470MB290-0207
C470MB290-0208
465 nm
467.5 nm
470 nm
472.5 nm
475 nm
16.0 mW
14.0 mW
12.0 mW
10.0 mW
Dominant Wavelength
MB-8
C470MB290-S0800
C470MB290-0217
C470MB290-0218
C470MB290-0219
C470MB290-0220
C470MB290-0213
C470MB290-0214
C470MB290-0215
C470MB290-0216
C470MB290-0209
C470MB290-0210
C470MB290-0211
C470MB290-0212
C470MB290-0205
C470MB290-0206
C470MB290-0207
C470MB290-0208
C470MB290-0201
C470MB290-0202
C470MB290-0203
C470MB290-0204
465 nm
467.5 nm
470 nm
472.5 nm
475 nm
16.0 mW
14.0 mW
12.0 mW
10.0 mW
8.0 mW
Dominant Wavelength


Numéro de pièce similaire - CXXXMB290-SXX00

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXXXDA1000-SXX000 CREE-CXXXDA1000-SXX000 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
CXXXDA3547-SXXX00 CREE-CXXXDA3547-SXXX00 Datasheet
403Kb / 5P
   Rectangular LED RF Performance High Reliability - Eutectic Attach
CXXXDA700-SXX000 CREE-CXXXDA700-SXX000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
CXXXEZ1000-SXX000 CREE-CXXXEZ1000-SXX000 Datasheet
305Kb / 6P
   Cree짰 EZ1000??LEDs
CXXXEZ1000-SXX000-2 CREE-CXXXEZ1000-SXX000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
More results

Description similaire - CXXXMB290-SXX00

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290_15 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
   Generation II LEDs
MB290 MARKTECH-MB290 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
   Generation II LEDs
C430CB290-S2100 MARKTECH-C430CB290-S2100 Datasheet
356Kb / 4P
   SuperBlue Generation II LEDs
logo
Cree, Inc
C430CB290-S2100 CREE-C430CB290-S2100_16 Datasheet
280Kb / 4P
   SuperBlue Generation II LEDs
logo
Marktech Corporate
C430CB230-S2100 MARKTECH-C430CB230-S2100 Datasheet
347Kb / 4P
   SuperBlue Generation II LEDs
C460MB290-0221 MARKTECH-C460MB290-0221 Datasheet
279Kb / 7P
   MegaBright Generation II LEDs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com