Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6106 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA6106
Description  Video output amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6106 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA6106 Datasheet HTML 4Page - NXP Semiconductors TDA6106 Datasheet HTML 5Page - NXP Semiconductors TDA6106 Datasheet HTML 6Page - NXP Semiconductors TDA6106 Datasheet HTML 7Page - NXP Semiconductors TDA6106 Datasheet HTML 8Page - NXP Semiconductors TDA6106 Datasheet HTML 9Page - NXP Semiconductors TDA6106 Datasheet HTML 10Page - NXP Semiconductors TDA6106 Datasheet HTML 11Page - NXP Semiconductors TDA6106 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1997 Mar 03
10
Philips Semiconductors
Product specification
Video output amplifier
TDA6106Q
PACKAGE OUTLINE
UNIT
A
A3
b 1
D12
b 2
bc
D(1)
E(1)
Z (1)
eL
P
P1
q1
q2
q
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
18.5
17.8
8.7
8.0
A4
15.5
15.1
1.40
1.14
0.67
0.50
1.40
1.14
0.48
0.38
21.8
21.4
21.4
20.7
6.48
6.20
3.4
3.2
2.54
e
2.54
1.0
65
55
5.9
5.7
4.4
4.2
3.9
3.4
15.1
14.9
Q
1.75
1.55
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2.75
2.50
SOT111-1
92-11-17
95-03-11
0
5
10 mm
scale
0.25
w
D
E
A
A
c
A2
3
A 4
q 1
q 2
L
e2
Q
w M
b
b 1
b 2
D1
P
q
1
Z
e
19
P
pin 1 index
θ
θ
o
o
DBS9MPF: plastic DIL-bent-SIL medium power package with fin; 9 leads
SOT111-1
A
max.
max.
2
3.7


Numéro de pièce similaire - TDA6106

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
More results

Description similaire - TDA6106

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6111Q PHILIPS-TDA6111Q Datasheet
78Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6120Q PHILIPS-TDA6120Q Datasheet
117Kb / 16P
   Video output amplifier
1997 Aug 27
logo
STMicroelectronics
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
   RGB VIDEO OUTPUT AMPLIFIER
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com