Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6106Q Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA6106Q
Description  Video output amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6106Q Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA6106Q Datasheet HTML 4Page - NXP Semiconductors TDA6106Q Datasheet HTML 5Page - NXP Semiconductors TDA6106Q Datasheet HTML 6Page - NXP Semiconductors TDA6106Q Datasheet HTML 7Page - NXP Semiconductors TDA6106Q Datasheet HTML 8Page - NXP Semiconductors TDA6106Q Datasheet HTML 9Page - NXP Semiconductors TDA6106Q Datasheet HTML 10Page - NXP Semiconductors TDA6106Q Datasheet HTML 11Page - NXP Semiconductors TDA6106Q Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1997 Mar 03
11
Philips Semiconductors
Product specification
Video output amplifier
TDA6106Q
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Numéro de pièce similaire - TDA6106Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
More results

Description similaire - TDA6106Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6111Q PHILIPS-TDA6111Q Datasheet
78Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6120Q PHILIPS-TDA6120Q Datasheet
117Kb / 16P
   Video output amplifier
1997 Aug 27
logo
STMicroelectronics
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
   RGB VIDEO OUTPUT AMPLIFIER
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com