Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5736 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA5736
Description  5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5736 Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA5736 Datasheet HTML 1Page - NXP Semiconductors TDA5736 Datasheet HTML 2Page - NXP Semiconductors TDA5736 Datasheet HTML 3Page - NXP Semiconductors TDA5736 Datasheet HTML 4Page - NXP Semiconductors TDA5736 Datasheet HTML 5Page - NXP Semiconductors TDA5736 Datasheet HTML 6Page - NXP Semiconductors TDA5736 Datasheet HTML 7Page - NXP Semiconductors TDA5736 Datasheet HTML 8Page - NXP Semiconductors TDA5736 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1997 Feb 24
4
Philips Semiconductors
Product specification
5 V VHF, hyperband and UHF mixers/oscillators
for TV and VCR 3-band tuners
TDA5736; TDA5737
PINNING
SYMBOL
PIN
DESCRIPTION
TDA5736
TDA5737
IFIN1
1
24
IF filter input 1
IFIN2
2
23
IF filter input 2
RFGND
3
22
ground for RF inputs
CIN1
4
21
band C input 1
CIN2
5
20
band C input 2
AIN
6
19
band A input
BIN1
7
18
band B input 1
BIN2
8
17
band B input 2
VP
9
16
supply voltage
LOOUT1
10
15
local oscillator amplifier output 1
LOOUT2
11
14
local oscillator amplifier output 2
BS
12
13
band switch input
IFOUT1
13
12
IF amplifier output 1
IFOUT2
14
11
IF amplifier output 2
GND
15
10
ground (0 V)
BOSCOC1
16
9
band B oscillator output collector 1
BOSCOC2
17
8
band B oscillator output collector 2
COSCIB1
18
7
band C oscillator input base 1
BOSCIB
19
6
band B oscillator input base
COSCOC1
20
5
band C oscillator output collector 1
AOSCOC
21
4
band A oscillator output collector
COSCOC2
22
3
band C oscillator output collector 2
AOSCIB
23
2
band A oscillator input base
COSCIB2
24
1
band C oscillator input base 2


Numéro de pièce similaire - TDA5736

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5732 PHILIPS-TDA5732 Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results

Description similaire - TDA5736

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com