Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5634T Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA5634T
Description  9 V UHF mixer/oscillator for TV and VCR tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5634T Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA5634T Datasheet HTML 2Page - NXP Semiconductors TDA5634T Datasheet HTML 3Page - NXP Semiconductors TDA5634T Datasheet HTML 4Page - NXP Semiconductors TDA5634T Datasheet HTML 5Page - NXP Semiconductors TDA5634T Datasheet HTML 6Page - NXP Semiconductors TDA5634T Datasheet HTML 7Page - NXP Semiconductors TDA5634T Datasheet HTML 8Page - NXP Semiconductors TDA5634T Datasheet HTML 9Page - NXP Semiconductors TDA5634T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Nov 7
6
Philips Semiconductors
Product specification
9 V UHF mixer/oscillator for TV and VCR
tuners
TDA5634T
Notes
1. The RF frequency range is defined by the oscillator frequency range and the intermediate frequency.
2. The gain is defined as the transducer gain (measured in Fig.7) plus the voltage transformation ratio of L3 to L2
(10 : 2, 15.4 dB including transformer loss).
3. The input level causing 10 kHz frequency detuning at the LO output; fosc =fRF + 33.4 MHz.
4. All S-parameters are referred to a 50
Ω system.
5. Measured with RF input voltage of 97 dB
µV at 430 MHz < fRF < 860 MHz.
6. Limits are related to the tank circuits used in Fig.7. Frequency bands may be adjusted by the choice of external
components.
7. The frequency shift is defined as the change in oscillator frequency when the supply voltage varies from
VP = 9 to 8.1 V or from VP = 9 to 9.9 V.
8. The frequency drift is defined as the change in oscillator frequency when the ambient temperature varies from
Tamb =25 °C to 0 °C or from Tamb =25 °Cto50 °C. Without compensation, the capacitors C11 to C15 are NP0.
9. The frequency drift is defined as the change in oscillator frequency when the ambient temperature varies from
Tamb =25 °C to 0 °C or from Tamb =25 °Cto50 °C. With compensation, the capacitors C11 to C14 are N750 and
C15 is N470.
10. Switch on drift is defined as the change in oscillator frequency between 5 s and 15 min after switch on.
LO output; RL = 100 Ω
Yo
output admittance
(GP +jCPω)
fOSC = 470 MHz; see Fig.9; note 4
3
mS
0.5
pF
fOSC = 900 MHz; see Fig.9; note 4
3.5
mS
0.5
pF
Vo
output voltage
RL =50 Ω; VP = 8.1 to 9.9 V;
Tamb = −10 to +80 °C
83
91
100
dB
µV
SRF
spurious signal on LO output
with respect to LO output
signal
RL =50 Ω; note 5
−−−10
dBc
SHD
LO signal harmonics with
respect to LO signal
RL =50 Ω
−−−10
dBc
Band C oscillator
fOSC
oscillator frequency
Vt = 0.45 to 28 V; VP = 8.1 to 9.9 V;
Tamb = −10 to +80 °C; note 6
470
900
MHz
fshift
frequency shift
∆VP = 10%; note 7
−−
400
kHz
fdrift
frequency drift
∆T=25 °C without compensation;
NP0 capacitors; note 8
−−
2.5
MHz
∆T=25 °C with compensation; note 9
−−
800
kHz
5 s to 15 minutes after switch on;
without compensation; note 10
−−
600
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA5634T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

Description similaire - TDA5634T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com