Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5630M Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA5630M
Description  9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630M Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA5630M Datasheet HTML 1Page - NXP Semiconductors TDA5630M Datasheet HTML 2Page - NXP Semiconductors TDA5630M Datasheet HTML 3Page - NXP Semiconductors TDA5630M Datasheet HTML 4Page - NXP Semiconductors TDA5630M Datasheet HTML 5Page - NXP Semiconductors TDA5630M Datasheet HTML 6Page - NXP Semiconductors TDA5630M Datasheet HTML 7Page - NXP Semiconductors TDA5630M Datasheet HTML 8Page - NXP Semiconductors TDA5630M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 Mar 21
3
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF
mixer/oscillator for TV and VCR 3-band tuners
TDA5630;
TDA5631
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5630T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
TDA5630M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
TDA5631T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
TDA5631M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
Fig.1 Block diagram.
handbook, full pagewidth
band A oscillator
tuned circuit
band B oscillator
tuned circuit
band C oscillator
tuned circuit
20
(1)
18
(3)
16
(5)
14
(7)
(11)
10
12
(9)
11
(10)
(12)
9
(13)
8
(18)
3
(15)
6
(16)
5
(17)
4
(19)
2
(20)
1
(14)
7
local oscillator
amplifier outputs
RF GND
band A
input
band B
inputs
band C
inputs
band switch
input
VP
MBH044
BAND A
OSCILLATOR
BAND B
OSCILLATOR
BAND C
OSCILLATOR
ELECTRONIC
BAND
SWITCH
MIXER
LOCAL
OSCILLATOR
AMPLIFIER
IF AMPLIFIER
BAND A
STAGE
BAND B
STAGE
BAND C
STAGE
DC
STABILIZER
MIXER
MIXER
19
(2)
17
(4)
15
(6)
IF outputs
TDA5630
TDA5631
13
(8)
GND
The numbers given in parenthesis represent the TDA5631.


Numéro de pièce similaire - TDA5630M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
More results

Description similaire - TDA5630M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com