Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5630M Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA5630M
Description  9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630M Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA5630M Datasheet HTML 3Page - NXP Semiconductors TDA5630M Datasheet HTML 4Page - NXP Semiconductors TDA5630M Datasheet HTML 5Page - NXP Semiconductors TDA5630M Datasheet HTML 6Page - NXP Semiconductors TDA5630M Datasheet HTML 7Page - NXP Semiconductors TDA5630M Datasheet HTML 8Page - NXP Semiconductors TDA5630M Datasheet HTML 9Page - NXP Semiconductors TDA5630M Datasheet HTML 10Page - NXP Semiconductors TDA5630M Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1996 Mar 21
7
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF
mixer/oscillator for TV and VCR 3-band tuners
TDA5630;
TDA5631
Band B mixer including IF amplifier; measurements using hybrid; note 9
fRF
frequency range
note 1
160
470
MHz
Gv
voltage gain
fRF = 170 MHz; see Fig.8; note 2
33
36
39
dB
fRF = 470 MHz; see Fig.8; note 2
33
36
39
dB
NF
noise figure (not corrected
for image)
fRF = 170 MHz; see Fig.9
810
dB
fRF = 470 MHz; see Fig.9
810
dB
Vo
output voltage causing 1%
cross modulation in channel
fRF = 170 MHz; see Fig.10
115
118
dB
µV
fRF = 470 MHz; see Fig.10
115
118
dB
µV
Vi
input voltage causing 10 kHz
pulling in channel
fRF = 470 MHz; TDA5630T and
TDA5631T; note 3
91
dB
µV
fRF = 470 MHz; TDA5630M and
TDA5631M; note 3
83
dB
µV
input voltage causing
N+5
− 1 MHz pulling
fRF = 430 MHz; TDA5630T and
TDA5631T; see Fig.11
81
dB
µV
fRF = 430 MHz; TDA5630M and
TDA5631M; see Fig.11
66
dB
µV
Zi
input impedance (RS +jLSω)RS; see Fig.14; note 4
30
−Ω
LS; see Fig.14; note 4
8
nH
Band B oscillator
fOSC
frequency range
note 5
200
500
MHz
fshift
frequency shift
∆VP = 10%; note 6
−−
400
kHz
fdrift
frequency drift
∆T=25 °C with no compensation:
NP0 capacitors; note 7
−−
2
MHz
5 s to 15 min after switch on; with no
compensation: NP0 capacitors; note 8
−−
300
kHz
Band C mixer including IF amplifier; measurements using hybrid; note 9
fRF
frequency range
note 1
430
860
MHz
Gv
voltage gain
fRF = 430 MHz; see Fig.8; note 2
33
36
39
dB
fRF = 860 MHz; see Fig.8; note 2
33
36
39
dB
NF
noise figure (not corrected
for image)
fRF = 430 MHz; see Fig.9
911
dB
fRF = 860 MHz; see Fig.9
911
dB
Vo
output voltage causing 1%
cross modulation in channel
fRF = 430 MHz; see Fig.10
115
118
dB
µV
fRF = 860 MHz; see Fig.10
115
118
dB
µV
Vi
input voltage causing 10 kHz
pulling in channel
fRF = 860 MHz; TDA5630T and
TDA5631T; note 3
87
dB
µV
fRF = 860 MHz; TDA5630M and
TDA5631M; note 3
93
dB
µV
input voltage causing
N+5
− 1 MHz pulling
fRF = 820 MHz; see Fig.11
61
dB
µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA5630M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
More results

Description similaire - TDA5630M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com