Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CDM Fiches technique(PDF) 10 Page - Microsemi Corporation

No de pièce TL431CDM
Description  PRECISION PROGRAMMABLE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431CDM Fiches technique(HTML) 10 Page - Microsemi Corporation

Back Button TL431CDM Datasheet HTML 3Page - Microsemi Corporation TL431CDM Datasheet HTML 4Page - Microsemi Corporation TL431CDM Datasheet HTML 5Page - Microsemi Corporation TL431CDM Datasheet HTML 6Page - Microsemi Corporation TL431CDM Datasheet HTML 7Page - Microsemi Corporation TL431CDM Datasheet HTML 8Page - Microsemi Corporation TL431CDM Datasheet HTML 9Page - Microsemi Corporation TL431CDM Datasheet HTML 10Page - Microsemi Corporation TL431CDM Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
TY PICAL CHARACT ER ISTICS
05
0
(t) Time - (µs)
6
2
1
2
2
13
4
4
1
0
3
3
5
6
Figure 14 –
Pulse Response
GND
Output
220
50
Pulse
Generator
f = 100kHz
Test Circuit for Pulse Response
0
40
(C
L)
Load Capacitance - (µF)
20
50
10
60
70
30
0.001
0.01
0.1
1
10
80
I
K = 10mA
T
A = 25 °C
90
100
A V
KA = V REF
B V
KA = 5V
C V
KA = 10V
D V
KA = 15V
Stable
C*
D*
A*
B*
Stable
Figure 15 –
Stability Boundary Conditions
*The areas under the curves represent conditions that may cause the device
to oscillate. For curves B, C, and D, R2 and V+ were adjusted to establish the
initial VKA and IK conditions with CL = 0. VBATT and CL were then adjusted to
determine the ranges of stability.
C
L
150
I
K
V
BATT
R1=10k
R2
Test Circuit for Curve A
C
L
I
K
V
BATT
150
Test Circuit for Curve B, C, D


Numéro de pièce similaire - TL431CDM

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
TL431CDM MOTOROLA-TL431CDM Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431CDM ONSEMI-TL431CDM Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431CDM MICROSEMI-TL431CDM Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431CDMR2 ONSEMI-TL431CDMR2 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
TL431CDMR2 ONSEMI-TL431CDMR2 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
More results

Description similaire - TL431CDM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com