Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCA3000-E05 Fiches technique(PDF) 3 Page - VTI technologies

No de pièce SCA3000-E05
Description  3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VTI [VTI technologies]
Site Internet  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-E05 Fiches technique(HTML) 3 Page - VTI technologies

  SCA3000-E05 Datasheet HTML 1Page - VTI technologies SCA3000-E05 Datasheet HTML 2Page - VTI technologies SCA3000-E05 Datasheet HTML 3Page - VTI technologies SCA3000-E05 Datasheet HTML 4Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCA3000-E05
VTI Technologies Oy
PRELIMINARY - Subject to changes
3/4
www.vti.fi
Doc. Nr. 8269100A
Rev.A
11)
Average noise/axis over the measurement bandwidth defined as
)
2
2
2
(
3
1
z
n
y
n
x
n
+
+
, where nx, ny and nz are
the measured signal's standard deviation due to noise in x, y and z directions.
12)
Settling error less than 1% of FS.
X
Y
Z
Figure 2
Sensing directions and package dimensions in mm with ±50 µm tolerance.
Figure 3
Frequency response of SCA3000-E05 in
Figure 4
Frequency response of SCA3000-E05 in
measurement mode
narrow band measurement mode
Figure 5
Frequency response of SCA3000-E05 in
wide band measurement mode


Numéro de pièce similaire - SCA3000-E05

FabricantNo de pièceFiches techniqueDescription
logo
VTI technologies
SCA3000-E05 VTI-SCA3000-E05 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-E05-1 VTI-SCA3000-E05-1 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-E05-10 VTI-SCA3000-E05-10 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-E05-25 VTI-SCA3000-E05-25 Datasheet
936Kb / 43P
   Product Family Specification
More results

Description similaire - SCA3000-E05

FabricantNo de pièceFiches techniqueDescription
logo
VTI technologies
SCA3000-E04 VTI-SCA3000-E04 Datasheet
226Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E02 VTI-SCA3000-E02 Datasheet
207Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2100-D01 VTI-SCA2100-D01 Datasheet
106Kb / 3P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2110-D03 VTI-SCA2110-D03 Datasheet
105Kb / 3P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com